Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 62 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 58Page - Texas Instruments TAS3202 Datasheet HTML 59Page - Texas Instruments TAS3202 Datasheet HTML 60Page - Texas Instruments TAS3202 Datasheet HTML 61Page - Texas Instruments TAS3202 Datasheet HTML 62Page - Texas Instruments TAS3202 Datasheet HTML 63Page - Texas Instruments TAS3202 Datasheet HTML 64Page - Texas Instruments TAS3202 Datasheet HTML 65Page - Texas Instruments TAS3202 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
10uF
100nF
100nF
100nF
AIN1L +
24.576MHz
AIN1L -
33pF
2
1
33pF
2
1
10uF
100nF
AIN1R +
/RESET
10uF
100nF
AVDD1
AIN2L +
AIN2L -
4.7uF
2
1
SDIN1
LRCLK_IN
SCLK_IN
AVDD2
0
1
2
10uF
100nF
DVDD1
MCLK_OUT3
MCLK_OUT2
MCLK_OUT1
DVDD2
SCLK_OUT
LRCLK_OUT
SDOUT2
SDOUT1
DVDD3
0
1
2
0
1
2
4.7uF
2
1
0
1
2
4.7uF
2
1
AIN1R -
0
1
2
0
1
2
4.7uF
2
1
0
1
2
MCLK_IN
660pF
660pF
10k
1
2
10k
1
2
4.7uF
2
1
0
1
2
4.7uF
2
1
0
1
2
22k
1
2
DVDD1
DVDD2
10uF
100nF
100nF
100nF
AVDD2
AVDD1
AVDD3
AVDD
DVDD3
AUP_OUTR
U4
TAS3202PAG
I2C1_SCL
1
I2C1_SDA
2
GPIO2
3
GPIO1
4
/MUTE
5
CS0
6
/PDN
7
DVSS1
8
DVDD1
9
VR_PLL
10
AVSSI
11
AIN1LP
12
AIN1LM
13
AIN1RP
14
AIN1RM
15
AIN2LP
16
MCLK_OUT1
48
MCLK_OUT2
47
MCLK_OUT3
46
DVDD2
45
DVSS2
44
MCLK_IN
43
XTAL_OUT
42
XTAL_IN
41
AVDD3
40
VR_ANA
39
AVSS3
38
AVSS2
37
AOUT1RP
36
AOUT1RM
35
AOUT1LP
34
AOUT1LM
33
AVDD3
AOUT_OUTL
/MUTE
Slave_SDA
GPIO1
Slave_SCL
Master_SDA
Master_SCL
4.7uF
100nF
10uF
100nF
DVDD
GPIO1
SDIN2
AIN2R -
AIN2R +
4.7uF
2
1
0
1
2
0
1
2
4.7uF
2
1
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
A.
Capacitors should be placed as close as possible to the power supply pins.
Figure 10-1. Typical Application Diagram
62
Application Information
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com