Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 6Page - Texas Instruments TAS3202 Datasheet HTML 7Page - Texas Instruments TAS3202 Datasheet HTML 8Page - Texas Instruments TAS3202 Datasheet HTML 9Page - Texas Instruments TAS3202 Datasheet HTML 10Page - Texas Instruments TAS3202 Datasheet HTML 11Page - Texas Instruments TAS3202 Datasheet HTML 12Page - Texas Instruments TAS3202 Datasheet HTML 13Page - Texas Instruments TAS3202 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
3.3
Reset (RESET) Power-Up Sequence
The RESET pin is an asynchronous control signal that restores all TAS3202 components to the default
configuration. When a reset occurs, the audio DSP core is put into an idle state and the 8051 starts
initialization. A valid XTAL_IN must be present when clearing the RESET pin to initiate a device reset. A
reset can be initiated by applying a logic 0 on RESET.
As long as RESET is held LOW, the device is in the reset state. During reset, all I2C and serial data bus
operations are ignored. The I2C interface SCL and SDA lines go into a high-impedance state and remain
in that state until device initialization has completed.
The rising edge of the reset pulse begins the initialization housekeeping functions of clearing memory and
setting the default register values. Once these are complete, the TAS3202 enables its master I2C interface
and disables its slave I2C interface.
Using the master interface, the TAS3202 automatically tests to see if an external I2C EEPROM is at
address 1010x. The value x can be chip selects, other information, or don't care, depending on the
EEPROM selected.
If a memory is present and it contains the correct header information and one or more blocks of
program/memory data, the TAS3202 begins to load the program, coefficient and/or data memories from
the external EEPROM. If an external EEPROM is present, the download is considered complete when an
end-of-program header is read by the TAS3202. At this point, the TAS3202 disables the master I2C
interface, enables the slave I2C interface, and starts normal operation. After a successful download, the
micro program counter is reset, and the downloaded micro and DAP application firmware controls
execution.
If no external EEPROM is present or if an error occurs during the EEPROM read, TAS3202 disables the
master I2C interface, enables the slave I2C interface, and proceeds to boot the device according to the
ROM. In this default ROM configuration, the TAS3202 streams audio from input to output if the GPIO1 pin
is asserted logic low on reset; if the GPIO1 pin is asserted logic high, the ADC and the DAC are muted.
NOTE
The master and slave I
2C interfaces do not operate simultaneously.
3.4
Voltage Regulator Enable (VREG_EN)
Setting the VREG_EN high shuts down all voltage regulators in the device. Internal register settings are
lost in this power-down mode. A full power-up/reset/program-load sequence must be completed before the
device is operational.
3.5
Power-On Reset (RESET)
On power up, it is recommended that the TAS3202 RESET be held low until DVDD has reached 3.3 V.
This can be done by programming the system controller or by using an external RC delay circuit. The
1-k
Ω and 1-μF values provide a delay of approximately 200 μs. The values of R and C can be adjusted to
provide other delay values as necessary.
10
Physical Characteristics
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com