Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 38Page - Texas Instruments TAS3202 Datasheet HTML 39Page - Texas Instruments TAS3202 Datasheet HTML 40Page - Texas Instruments TAS3202 Datasheet HTML 41Page - Texas Instruments TAS3202 Datasheet HTML 42Page - Texas Instruments TAS3202 Datasheet HTML 43Page - Texas Instruments TAS3202 Datasheet HTML 44Page - Texas Instruments TAS3202 Datasheet HTML 45Page - Texas Instruments TAS3202 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
tr(SCLKOUT)
tf(SCLKOUT)
tf(SCLKOUT)
tsk
tr(SCLKOUT)
tpd1(SCLKOUT2)
tpd1(SCLKOUT1)
tf(LRCLK), tr(LRCLK)
tpd2
tsu
th
SCLKOUT2
LRCLK
(Output)
SDOUT
SDIN
SCLKOUT1
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
8.9
Serial Audio Port, Master Mode (TAS3202)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(LRCLK)
Frequency LRCLK
CL = 30 pF
48
kHz
tr(LRCLK)
Rise time, LRCLK (1)
CL = 30 pF
12
ns
tf(LRCLK)
Fall time, LRCLK (1)
Duty cycle is 50/50
12
ns
f(SCLKOUT)
Frequency, SCLKOUT
CL = 30 pF
64FS
MHz
tr(SCLKOUT)
Rise time, SCLKOUT
CL = 30 pF
12
ns
tf(SCLKOUT)
Fall time, SCLKOUT
CL = 30 pF
12
ns
tpd1(SCLKOUT)
Propagation delay, SCLKOUT falling edge to LRCLK edge
5
ns
tpd2
Propagation delay, SCLKOUT falling edge to SDOUT
5
ns
tsu
Setup time, SDIN to SCLKOUT rising edge
25
ns
th
Hold time, SDIN from SCLKOUT rising edge
30
ns
(1)
Rise time and fall time measured from 20% to 80% of maximum height of waveform.
Figure 8-5. Serial Audio Port Master Mode Timing Waveforms
42
Electrical Specifications
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com