Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 41 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 37Page - Texas Instruments TAS3202 Datasheet HTML 38Page - Texas Instruments TAS3202 Datasheet HTML 39Page - Texas Instruments TAS3202 Datasheet HTML 40Page - Texas Instruments TAS3202 Datasheet HTML 41Page - Texas Instruments TAS3202 Datasheet HTML 42Page - Texas Instruments TAS3202 Datasheet HTML 43Page - Texas Instruments TAS3202 Datasheet HTML 44Page - Texas Instruments TAS3202 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
th1
tsu1
tpd1
tpd2
tsu2
th2
tc(SCLKIN)
SCLKIN
LRCLK
(Input)
SDOUT
SCLKOUT2
SDIN
tw(SCLKIN)
TAS3202
www.ti.com
SLES208B – JUNE 2009 – REVISED MARCH 2011
8.8
Serial Audio Port, Slave Mode
over recommended operating conditions (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
fLRCLK
Frequency, LRCLK (fS)
48
kHz
tw(SCLKIN)
Pulse duration, SCLKIN high
See (1)
0.4 tc(SCLKIN)
0.5 tc(SCLKIN)
0.6 tc(SCLKIN)
ns
fSCLKIN
Frequency, SCLKIN
See (2)
64 FS
MHz
Propagation delay, SCLKIN falling edge to
tpd1
16
ns
SDOUT
tsu1
Setup time, LRCLK to SCLKIN rising edge
10
ns
th1
Hold time, LRCLK from SCLKIN rising edge
5
ns
tsu2
Setup time, SDIN to SCLKIN rising edge
10
ns
th2
Hold time, SDIN from SCLKIN rising edge
5
ns
Propagation delay, SCLKIN falling edge to
tpd2
15
ns
SCLKOUT2 falling edge
(1)
Period of SCLKIN = TSCLKIN = 1/fSCLKIN
(2)
Duty cycle is 50/50.
Figure 8-4. Serial Audio Port Slave Mode Timing Waveforms
Copyright © 2009–2011, Texas Instruments Incorporated
Electrical Specifications
41
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com