Electronic Components Datasheet Search
  English  ▼

X  

TAS3202 Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS3202
Description  AUDIO DSP WITH ANALOG INTERFACE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3202 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS3202 Datasheet HTML 20Page - Texas Instruments TAS3202 Datasheet HTML 21Page - Texas Instruments TAS3202 Datasheet HTML 22Page - Texas Instruments TAS3202 Datasheet HTML 23Page - Texas Instruments TAS3202 Datasheet HTML 24Page - Texas Instruments TAS3202 Datasheet HTML 25Page - Texas Instruments TAS3202 Datasheet HTML 26Page - Texas Instruments TAS3202 Datasheet HTML 27Page - Texas Instruments TAS3202 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
TAS3202
SLES208B – JUNE 2009 – REVISED MARCH 2011
www.ti.com
Table 6-2. Slave Addresses
BASE ADDRESS
CS0
R/W
SLAVE ADDRESS
0110 10
0
0
0x68
0110 10
0
1
0x69
0110 10
1
0
0x6A
0110 10
1
1
0x6B
Table 6-3. Master Addresses
BASE ADDRESS
CS0
R/W
MASTER ADDRESS
1010 00
0
0
0xA0
1010 00
0
1
0xA1
1010 00
1
0
0xA2
1010 00
1
1
0xA3
The following is an example use of the I2C master address to access an external EEPROM. The TAS3202
can address up to two EEPROMs depending on the state of CS0. Initially, the TAS3202 comes up in I2C
master mode. If it finds a memory such as the 24C512 EEPROM, it reads the headers and data as
previously described. In this I2C master mode, the TAS3202 addresses the EEPROMs as shown in
Table 6-4 and Table 6-5.
Table 6-4. EEPROM Address I2C TAS3202 Master Mode = 0×A1/A0
A0
MSB
CS0
R/W
(EEPROM)
1
0
1
0
0
0
0
1/0
Table 6-5. EEPROM Address I2C TAS3202 Master Mode = 0×A3/A2
A0
MSB
CS0
R/W
(EEPROM)
1
0
1
0
0
0
1
1/0
Random I2C Transactions
Supplying a subaddress for each subaddress transaction is referred to as random I2C addressing. For
random I2C read commands, the TAS3202 responds with data, a byte at a time, starting at the subaddress
assigned, as long as the master device continues to respond with acknowledges. If a given subaddress
does not use all 32 bits, the unused bits are read as logic 0. I2C write commands, however, are treated in
accordance with the data assignment for that address space. If a write command is received for a mixer
subaddress, for example, the TAS3202 expects to see five 32-bit words. If fewer than five data words
have been received when a stop command (or another start command) is received, the data received is
discarded.
24
Microprocessor Controller
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com