Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 316 page
background image
ST7789VI
Version 1.4
Page 33 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
6.2
Interface Logic Pins
Name
I/O
Description
Connect Pin
IM3, IM2,
IM1, IM0
I
-The MCU interface mode select.
IM3
IM2
IM1
IM0
MPU Interface Mode
Data pin
0
0
0
0
80-8bit parallel I/F
DB[7:0]
0
0
0
1
80-16bit parallel I/F
DB[15:0]
0
0
1
0
80-9bit parallel I/F
DB[8:0]
0
0
1
1
80-18bit parallel I/F
DB[17:0],
0
1
0
1
3-line 9bit serial I/F
SDA: in/out
2 data lane serial I/F
SDA: in/out
WRX: in
0
1
1
0
4-line 8bit serial I/F
SDA: in/out
1
0
0
0
80-16bit parallel I/F Ⅱ
DB[17:10],
DB[8:1]
1
0
0
1
80-8bit parallel I/F Ⅱ
DB[17:10]
1
0
1
0
80-18bit parallel I/F Ⅱ
DB[17:0],
1
0
1
1
80-9bit parallel I/F Ⅱ
DB[17:9]
1
1
0
1
3-line 9bit serial I/F Ⅱ
SDA: in/
SDO: out
1
1
1
0
4-line 8bit serial I/F Ⅱ
SDA:in/
SDO: out
DGND/VDDI
EXTC
I
-Select to access extension command (“Low”: system command 1,
“High”: system command 1 and 2).
-When programming NVM, this pin should connect to high level.
DGND/VDDI
VPP
I
-When programming NVM, it needs external power supply voltage
(7.5V); the current of Ivpp must be more than 10mA.
-If not used, let this pin open.
-
RESX
I
-This signal will reset the device and it must be applied to properly
initialize the chip.
-Signal is active low.
MCU
CSX
I
-Chip selection pin
Low enable.
High disable.
MCU
DCX
I
-Display data/command selection pin in parallel interface.
-This pin is used to be serial interface clock.
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com