Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST7789 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 316 page
background image
ST7789VI
Version 1.4
Page 5 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.14.1
Rolling scroll ...................................................................................................................................... 127
8.14.2
Vertical Scroll Example ...................................................................................................................... 129
8.15
TEARING EFFECT.......................................................................................................................................... 131
8.15.1
Tearing effect line modes.................................................................................................................... 131
8.15.2
Tearign effect line timings .................................................................................................................. 132
8.15.3
Example 1: MPU Write is faster than panel read............................................................................... 133
8.15.4
Example 2: MPU write is slower than panel read ............................................................................. 134
8.16
POWER ON/OFF SEQUENCE......................................................................................................................... 135
8.16.1
Uncontrolled Power Off ..................................................................................................................... 136
8.17
POWER LEVEL DEFINITION ........................................................................................................................... 137
8.17.1
Power Level........................................................................................................................................ 137
8.18
POWER FLOW CHART ................................................................................................................................... 138
8.19
GAMMA CORRECTION .................................................................................................................................. 139
8.20
GRAY VOLTAGE GENERATOR FOR DIGITAL GAMMA CORRECTION................................................................... 144
8.21
DISPLAY DIMMING ....................................................................................................................................... 145
8.21.1
General Description........................................................................................................................... 145
8.21.2
Dimming Requirement........................................................................................................................ 145
8.21.3
Definition of brightness transition time.............................................................................................. 147
8.22
CONTENT ADAPTIVE BRIGHTNESS CONTROL (CABC) ................................................................................. 149
8.22.1
Definition of CABC ............................................................................................................................ 149
8.22.2
Minimum brightness setting of CABC function .................................................................................. 153
9
COMMAND ........................................................................................................................................................ 155
9.1
SYSTEM FUNCTION COMMAND TABLE 1....................................................................................................... 155
9.1.1
NOP (00h)............................................................................................................................................... 161
9.1.2
SWRESET (01h): Software Reset ............................................................................................................ 162
9.1.3
RDDID (04h): Read Display ID ............................................................................................................. 164
9.1.4
RDDST (09h): Read Display Status ........................................................................................................ 166
9.1.5
RDDPM (0Ah): Read Display Power Mode ........................................................................................... 169
9.1.6
RDDMADCTL (0Bh): Read Display MADCTL ...................................................................................... 171
9.1.7
RDDCOLMOD (0Ch): Read Display Pixel Format ............................................................................... 173
9.1.8
RDDIM (0Dh): Read Display Image Mode ............................................................................................ 175
9.1.9
RDDSM (0Eh): Read Display Signal Mode............................................................................................ 177
9.1.10
RDDSDR (0Fh): Read Display Self-Diagnostic Result...................................................................... 179
9.1.11
SLPIN (10h): Sleep in ........................................................................................................................ 181
9.1.12
SLPOUT (11h): Sleep Out.................................................................................................................. 183
9.1.13
PTLON (12h): Partial Display Mode On........................................................................................... 185
9.1.14
NORON (13h): Normal Display Mode On......................................................................................... 186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com