Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 50 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 50 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 316 page
background image
ST7789VI
Version 1.4
Page 50 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8
FUNCTION DESCRIPTION
8.1
MPU Interface Type Selection
ST7789VI supports 8/16/9/18 bit parallel data bus for 8080 series CPU, RGB serial interfaces. Selection
of these interfaces are set by IM[3:0] pins as shown below.
IM3
IM2
IM1
IM0
Interface
Read Back Data Bus Selection
0
0
0
0
80-8bit parallel I/F
DB[7:0]
0
0
0
1
80-16bit parallel I/F
DB[15:0]
0
0
1
0
80-9bit parallel I/F
DB[8:0]
0
0
1
1
80-18bit parallel I/F
DB[17:0],
0
1
0
1
3-line 9bit serial I/F
SDA: in/out
2 data lane serial I/F
SDA: in/out, WRX: in
0
1
1
0
4-line 8bit serial I/F
SDA: in/out
1
0
0
0
80-16bit parallel I/F Ⅱ
DB[17:10], DB[8:1]
1
0
0
1
80-8bit parallel I/F Ⅱ
DB[17:10]
1
0
1
0
80-18bit parallel I/F Ⅱ
DB[17:0],
1
0
1
1
80-9bit parallel I/F Ⅱ
DB[17:9]
1
1
0
1
3-line 9bit serial I/F Ⅱ
SDA: in/ SDO: out
1
1
1
0
4-line 8bit serial I/F Ⅱ
SDA: in/ SDO: out
Table 10 Interface Type Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com