Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 48 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 48 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 316 page
background image
ST7789VI
Version 1.4
Page 48 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
7.4.5
Reset Timing:
Display
status
T
RW
T
RT
During reset
Initial condition
(Default for H/W reset)
RESX
Normal operation
Shorter than 5us
Figure 7 Reset Timing
VDDI=1.65 to 3.6V, VDD=2.4 to 3.6V, AGND=DGND=0V, Ta=25
℃
Related Pins
Symbol
Parameter
MIN
MAX
Unit
RESX
TRW
Reset pulse duration
10
-
us
TRT
Reset cancel
-
5 (Note 1, 5)
ms
120 (Note 1, 6, 7)
ms
Table 9 Reset Timing
Notes:
1. The reset cancel includes also required time for loading ID bytes, VCOM setting and other settings from NVM (or similar device) to
registers. This loading is done every time when there is HW reset cancel time (tRT) within 5 ms after a rising edge of RESX.
2. Spike due to an electrostatic discharge on RESX line does not cause irregular system reset according to the table below:
RESX Pulse
Action
Shorter than 5us
Reset Rejected
Longer than 9us
Reset
Between 5us and 9us
Reset starts
3. During the Resetting period, the display will be blanked (The display is entering blanking sequence, which maximum time is 120
ms, when Reset Starts in Sleep Out –mode. The display remains the blank state in Sleep In –mode.) and then return to Default condition
for Hardware Reset.
4. Spike Rejection also applies during a valid reset pulse as shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com