Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 316 page
background image
ST7789VI
Version 1.4
Page 6 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.15
INVOFF (20h): Display Inversion Off ............................................................................................... 187
9.1.16
INVON (21h): Display Inversion On.................................................................................................. 189
9.1.17
GAMSET (26h): Gamma Set .............................................................................................................. 191
9.1.18
DISPOFF (28h): Display Off ............................................................................................................. 193
9.1.19
DISPON (29h): Display On ............................................................................................................... 195
9.1.20
CASET (2Ah): Column Address Set.................................................................................................... 197
9.1.21
RASET (2Bh): Row Address Set ......................................................................................................... 199
9.1.22
RAMWR (2Ch): Memory Write .......................................................................................................... 201
9.1.23
RAMRD (2Eh): Memory Read ........................................................................................................... 203
9.1.24
PTLAR (30h): Partial Area ................................................................................................................ 205
9.1.25
VSCRDEF (33h): Vertical Scrolling Definition.................................................................................. 207
9.1.26
TEOFF (34h): Tearing Effect Line OFF ............................................................................................ 210
9.1.27
TEON (35h): Tearing Effect Line On ................................................................................................. 212
9.1.28
MADCTL (36h): Memory Data Access Control ................................................................................. 214
9.1.29
VSCSAD (37h): Vertical Scroll Start Address of RAM ....................................................................... 217
9.1.30
IDMOFF (38h): Idle Mode Off .......................................................................................................... 219
9.1.31
IDMON (39h): Idle mode on.............................................................................................................. 221
9.1.32
COLMOD (3Ah): Interface Pixel Format .......................................................................................... 223
9.1.33
WRMEMC (3Ch): Write Memory Continue ....................................................................................... 224
9.1.34
RDMEMC (3Eh): Read Memory Continue ........................................................................................ 226
9.1.35
STE (44h): Set Tear Scanline ............................................................................................................. 228
9.1.36
GSCAN (45h): Get Scanline............................................................................................................... 230
9.1.37
WRDISBV (51h): Write Display Brightness ....................................................................................... 232
9.1.38
RDDISBV (52h): Read Display Brightness Value .............................................................................. 234
9.1.39
WRCTRLD (53h): Write CTRL Display ............................................................................................. 236
9.1.40
RDCTRLD (54h): Read CTRL Value Display .................................................................................... 238
9.1.41
WRCACE (55h): Write Content Adaptive Brightness Control and Color Enhancement.................... 240
9.1.42
RDCABC (56h): Read Content Adaptive Brightness Control ............................................................ 242
9.1.43
WRCABCMB (5Eh): Write CABC Minimum Brightness.................................................................... 244
9.1.44
RDCABCMB (5Fh): Read CABC Minimum Brightness..................................................................... 246
9.1.45
RDABCSDR (68h): Read Automatic Brightness Control Self-Diagnostic Result .............................. 247
9.1.46
RDID1 (DAh): Read ID1 ................................................................................................................... 249
9.1.47
RDID2 (DBh): Read ID2 ................................................................................................................... 250
9.1.48
RDID3 (DCh): Read ID3 ................................................................................................................... 251
9.2
SYSTEM FUNCTION COMMAND TABLE 2....................................................................................................... 252
9.2.1
RAMCTRL (B0h): RAM Control ............................................................................................................. 257
9.2.2
RGBCTRL (B1h): RGB Interface Control............................................................................................... 260
9.2.3
PORCTRL (B2h): Porch Setting ............................................................................................................. 262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com