Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 316 page
background image
ST7789VI
Version 1.4
Page 46 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
7.4.4
RGB Interface Characteristics:
Figure 6 RGB Interface Timing Characteristics
VDDI=1.65 to 3.6V, VDD=2.4 to 3.6V, AGND=DGND=0V, Ta=25
℃
Signal
Symbol
Parameter
MIN
MAX
Unit
Description
HSYNC,
VSYNC
TSYNCS
VSYNC, HSYNC Setup Time
30
-
ns
ENABLE
TENS
Enable Setup Time
25
-
ns
TENH
Enable Hold Time
25
-
ns
DOTCLK
PWDH
DOTCLK High-level Pulse Width
60
-
ns
PWDL
DOTCLK Low-level Pulse Width
60
-
ns
TCYCD
DOTCLK Cycle Time
120
-
ns
Trghr, Trghf
DOTCLK Rise/Fall time
-
20
ns
DB
TPDS
PD Data Setup Time
50
-
ns
TPDH
PD Data Hold Time
50
-
ns
Table 7 18/16 Bits RGB Interface Timing Characteristics
Signal
Symbol
Parameter
MIN
MAX
Unit
Description
HSYNC,
VSYNC
TSYNCS
VSYNC, HSYNC Setup Time
25
-
ns
ENABLE
TENS
Enable Setup Time
25
-
ns
HSYNC
VSYNC
DOTCLK
Data Bus
Write
V
IH
V
IL
T
SYNCS
ENABLE
V
IH
V
IL
T
ENS
T
ENH
V
IH
V
IL
V
IH
V
IH
V
IL
V
IH
V
IL
Write Data
V
IH
V
IL
PWDL
PWDH
T
CYCD
T
PDS
T
PDH
T
rgbf
T
rgbr
T
rgbf
T
rgbr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com