Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 62 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 62 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 316 page
background image
ST7789VI
Version 1.4
Page 62 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.4.6
2 data lane serial Interface
Interface selection:
IM3
IM2
IM1
IM0
Interface
Read back selection
0
1
0
1
2 data lane serial interface
Via the read instruction (8-bit, 24-bit and 32-bit
read)
Table 15 IM pin selection
2-wire data lane serial interface use: CSX (chip enable), DCX (serial clock) and SDA (serial data
input/output 1), and WRX (serial data input 2). To enter this interface, command E7h need set 10h.
2 data lane hardware suggestion and Pin description:
2 data lane serial interface, IM[3:0]=0101
Figure 17 Hardware suggestion of 2 data lane serial interface
Pin Name
Description
CSX
Chip selection signal
DCX
Clock signal
SDA
Serial data input/output1
WRX
Serial data input2
Table 16 Pin description of 2 data lane serial interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com