Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 316 page
background image
ST7789VI
Version 1.4
Page 20 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
PAD
No.
PIN Name
X
Y
199
DUMMY
5312.5
-256.62
200
DUMMY
5372.5
-256.62
201
DUMMY
5432.5
-256.62
202
DUMMY
5492.5
-256.62
203
DUMMY
5552.5
-256.62
204
DUMMY
5612.5
-256.62
205
DUMMY
5672.5
-256.62
206
AGND
5732.5
-256.62
207
AGND
5792.5
-256.62
208
AGND
5852.5
-256.62
209
AGND
5912.5
-256.62
210
AGND
5972.5
-256.62
211
AGND
6032.5
-256.62
212
AGND
6092.5
-256.62
213
AGND
6152.5
-256.62
214
DUMMYR1
6212.5
-256.62
215
DUMMYR2
6272.5
-256.62
216
DUMMY
6332.5
-256.62
217
DUMMY
6392.5
-256.62
218
DUMMY
6452.5
-256.62
219
DUMMY
6512.5
-256.62
220
DUMMY
6572.5
-256.62
221
DUMMY
6632.5
-256.62
222
DUMMY
6692.5
-256.62
223
VCOM
6752.5
-256.62
224
VCOM
6812.5
-256.62
225
VCOM
6872.5
-256.62
226
VCOM
6932.5
-256.62
227
VCOM
6992.5
-256.62
228
VCOM
7052.5
-256.62
229
VCOM
7112.5
-256.62
230
VCOM
7172.5
-256.62
231
DUMMY
7232.5
-256.62
232
DUMMY
7292.5
-256.62
PAD
No.
PIN Name
X
Y
233
DUMMY
7399
250.58
234
DUMMY
7385
119.58
235
DUMMY
7371
250.58
236
G2
7357
119.58
237
G4
7343
250.58
238
G6
7329
119.58
239
G8
7315
250.58
240
G10
7301
119.58
241
G12
7287
250.58
242
G14
7273
119.58
243
G16
7259
250.58
244
G18
7245
119.58
245
G20
7231
250.58
246
G22
7217
119.58
247
G24
7203
250.58
248
G26
7189
119.58
249
G28
7175
250.58
250
G30
7161
119.58
251
G32
7147
250.58
252
G34
7133
119.58
253
G36
7119
250.58
254
G38
7105
119.58
255
G40
7091
250.58
250.58
G42
7077
119.58
257
G44
7063
250.58
258
G46
7049
119.58
259
G48
7035
250.58
260
G50
7021
119.58
261
G52
7007
250.58
262
G54
6993
119.58
263
G56
6979
250.58
264
G58
6965
119.58
265
G60
6951
250.58
266
G62
6937
119.58
PAD
No.
PIN Name
X
Y
267
G64
6923
250.58
268
G66
6909
119.58
269
G68
6895
250.58
270
G70
6881
119.58
271
G72
6867
250.58
272
G74
6853
119.58
273
G76
6839
250.58
274
G78
6825
119.58
275
G80
6811
250.58
276
G82
6797
119.58
277
G84
6783
250.58
278
G86
6769
119.58
279
G88
6755
250.58
280
G90
6741
119.58
281
G92
6727
250.58
282
G94
6713
119.58
283
G96
6699
250.58
284
G98
6685
119.58
285
G100
6671
250.58
286
G102
6657
119.58
287
G104
6643
250.58
288
G106
6629
119.58
289
G108
6615
250.58
290
G110
6601
119.58
291
G112
6587
250.58
292
G114
6573
119.58
293
G116
6559
250.58
294
G118
6545
119.58
295
G120
6531
250.58
296
G122
6517
119.58
297
G124
6503
250.58
298
G126
6489
119.58
299
G128
6475
250.58
300
G130
6461
119.58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com