Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 316 page
background image
ST7789VI
Version 1.4
Page 19 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
PAD
No.
PIN Name
X
Y
97
AGND
-1532.5
-256.62
98
DGND
-1472.5
-256.62
99
DGND
-1412.5
-256.62
100
DGND
-1352.5
-256.62
101
DGND
-1292.5
-256.62
102
DGND
-1232.5
-256.62
103
DGND
-1172.5
-256.62
104
DGND
-1112.5
-256.62
105
DGND
-1052.5
-256.62
106
TEST3
-992.5
-256.62
107
DUMMY
-932.5
-256.62
108
DUMMY
-872.5
-256.62
109
EXTC
-812.5
-256.62
110
IM3
-752.5
-256.62
111
IM2
-692.5
-256.62
112
IM1
-632.5
-256.62
113
IM0
-572.5
-256.62
114
RESX
-512.5
-256.62
115
CSX
-452.5
-256.62
116
DCX
-392.5
-256.62
117
WRX
-332.5
-256.62
118
RDX
-272.5
-256.62
119
TEST2
-212.5
-256.62
120
VSYNC
-152.5
-256.62
121
HSYNC
-92.5
-256.62
122
ENABLE
-32.5
-256.62
123
DOTCLK
27.5
-256.62
124
DUMMY
87.5
-256.62
125
SDA
160
-256.62
126
DB0
245
-256.62
127
DB1
330
-256.62
128
DB2
415
-256.62
129
DB3
500
-256.62
130
TEST1
572.5
-256.62
PAD
No.
PIN Name
X
Y
131
DB4
645
-256.62
132
DB5
730
-256.62
133
DB6
815
-256.62
134
DB7
900
-256.62
135
DUMMY
972.5
-256.62
136
DB8
1045
-256.62
137
DB9
1130
-256.62
138
DB10
1215
-256.62
139
DB11
1300
-256.62
140
DUMMY
1372.5
-256.62
141
DB12
1445
-256.62
142
DB13
1530
-256.62
143
DB14
1615
-256.62
144
DB15
1700
-256.62
145
DUMMY
1772.5
-256.62
146
DB16
1845
-256.62
147
DB17
1930
-256.62
148
TEST0
2002.5
-256.62
149
TE
2075
-256.62
150
SDO
2160
-256.62
151
LED_PWM
2245
-256.62
152
LED_EN
2330
-256.62
153
VDDI_LED
2402.5
-256.62
154
VDDI_LED
2462.5
-256.62
155
TE2
2535
-256.62
156
TESTO1
2620
-256.62
157
TESTO2
2705
-256.62
158
TESTO3
2790
-256.62
159
TESTO4
2875
-256.62
160
TESTO5
2960
-256.62
161
TESTO6
3032.5
-256.62
162
VDDI
3092.5
-256.62
163
VDDI
3152.5
-256.62
164
VDDI
3212.5
-256.62
PAD
No.
PIN Name
X
Y
165
VDDI
3272.5
-256.62
166
VDDI
3332.5
-256.62
167
VDDI
3392.5
-256.62
168
VDDI
3452.5
-256.62
169
VCC
3512.5
-256.62
170
VCC
3572.5
-256.62
171
VCC
3632.5
-256.62
172
VCC
3692.5
-256.62
173
VCC
3752.5
-256.62
174
VCC
3812.5
-256.62
175
VCC
3872.5
-256.62
176
VCC
3932.5
-256.62
177
VCC
3992.5
-256.62
178
VCC
4052.5
-256.62
179
VCC
4112.5
-256.62
180
VCC
4172.5
-256.62
181
VCC
4232.5
-256.62
182
VCC
4292.5
-256.62
183
DUMMY
4352.5
-256.62
184
VPP
4412.5
-256.62
185
VPP
4472.5
-256.62
186
VPP
4532.5
-256.62
187
VPP
4592.5
-256.62
188
DUMMY
4652.5
-256.62
189
DUMMY
4712.5
-256.62
190
VGH
4772.5
-256.62
191
VGH
4832.5
-256.62
192
VGH
4892.5
-256.62
193
VGH
4952.5
-256.62
194
VGH
5012.5
-256.62
195
VGH
5072.5
-256.62
196
VGH
5132.5
-256.62
197
VGH
5192.5
-256.62
198
DUMMY
5252.5
-256.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com