Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 316 page
background image
ST7789VI
Version 1.4
Page 37 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
7
DRIVER ELECTRICAL CHARACTERISTICS
7.1
Absolute Operation Range
Item
Symbol
Rating
Unit
Supply Voltage
VDD
- 0.3 ~ +4.6
V
Supply Voltage (Logic)
VDDI
- 0.3 ~ +4.6
V
Driver Supply Voltage
VGH-VGL
-0.3 ~ +30.0
V
Logic Input Voltage Range
VIN
-0.3 ~ VDDI + 0.5
V
Logic Output Voltage Range
VO
-0.3 ~ VDDI + 0.5
V
Operating Temperature Range
TOPR
-40 ~ +85
℃
Storage Temperature Range
TSTG
-40 ~ +125
℃
Table 1 Absolute Operation Range
Note: If one of the above items is exceeded its maximum limitation momentarily, the quality of the product may be degraded.
Absolute maximum limitation, therefore, specify the values exceeding which the product may be physically damaged. Be sure to use the
product within the recommend range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com