Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 55 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 55 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 316 page
background image
ST7789VI
Version 1.4
Page 55 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.4
Serial Interface
IM3
IM2
IM1
IM0
Interface
Read back selection
0
1
0
1
3-line serial interface Ⅰ
Via the read instruction (8-bit, 24-bit and 32-bit read
parameter)
0
1
1
0
4-line serial interface Ⅰ
1
1
0
1
3-line serial interface Ⅱ
1
1
1
0
4-line serial interface Ⅱ
Table 13 Selection of serial interface
The serial interface is either 3-lines/9-bits or 4-lines/8-bits bi-directional interface for communication
between the micro controller and the LCD driver. The 3-lines serial interface use: CSX (chip enable), SCL
(serial clock) and SDA (serial data input/output), and the 4-lines serial interface use: CSX (chip enable), D/CX
(data/ command flag), SCL (serial clock) and SDA (serial data input/output). Serial clock (SCL) is used for
interface with MCU only, so it can be stopped when no communication is necessary.
8.4.1
Pin description
3-line serial interface Ⅰ
Pin Name
Description
CSX
Chip selection signal
DCX
Clock signal
SDA
Serial input/output data
4-line serial interface Ⅰ
Pin Name
Description
CSX
Chip selection signal
WRX
Data is regarded as a command when WRX is low
Data is regarded as a parameter or data when WRX is high
DCX
Clock signal
SDA
Serial input/output data
3-line serial interface Ⅱ
Pin Name
Description
CSX
Chip selection signal
DCX
Clock signal
SDA
Serial input data
SDO
Serial output data
4-line serial interface Ⅱ
Pin Name
Description
CSX
Chip selection signal
WRX
Data is regarded as a command when WRX is low
Data is regarded as a parameter or data when WRX is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com