Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 316 page
background image
ST7789VI
Version 1.4
Page 43 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
7.4.2
Serial Interface Characteristics (3-line serial):
Figure 4 3-line serial Interface Timing Characteristics
VDDI=1.65 to 3.6V, VDD=2.4 to 3.6V, AGND=DGND=0V, Ta=25
℃
Signal
Symbol
Parameter
Min
Max
Unit
Description
CSX
TCSS
Chip select setup time (write)
15
ns
TCSH
Chip select hold time (write)
15
ns
TCSS
Chip select setup time (read)
60
ns
TSCC
Chip select hold time (read)
65
ns
TCHW
Chip select “H” pulse width
40
ns
SCL
TSCYCW
Serial clock cycle (Write)
16
ns
TSHW
SCL “H” pulse width (Write)
7
ns
TSLW
SCL “L” pulse width (Write)
7
ns
TSCYCR
Serial clock cycle (Read)
150
ns
TSHR
SCL “H” pulse width (Read)
60
ns
TSLR
SCL “L” pulse width (Read)
60
ns
SDA
(DIN)
TSDS
Data setup time
7
ns
TSDH
Data hold time
7
ns
DOUT
TACC
Access time
10
50
ns
For maximum CL=30pF
For minimum CL=8pF
TOH
Output disable time
15
50
ns
Table 5 3-line serial Interface Characteristics
Note : The rising time and falling time (Tr, Tf) of input signal are specified at 15 ns or less. Logic high and low levels are specified as
30% and 70% of VDDI for Input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com