Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 38 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 38 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 316 page
background image
ST7789VI
Version 1.4
Page 38 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
7.2
DC Characteristics
Parameter
Symbol
Condition
Specification
Unit
Related
Pins
MIN.
TYP.
MAX.
Power & Operation Voltage
System Voltage
VDD
Operating
voltage
2.4
2.75
3.6
V
Interface Operation Voltage
VDDI
I/O Supply
Voltage
1.65
1.8
3.6
V
Gate Driver High Voltage
VGH
12.2
14.97
V
Note 4
Gate Driver Low Voltage
VGL
-12.5
-7.16
V
Gate Driver Supply Voltage
| VGH-VGL |
19.36
27.47
V
Note 5
Input / Output
Logic-High Input Voltage
VIH
0.7VDDI
VDDI
V
Note 1
Logic-Low Input Voltage
VIL
VSS
0.3VDDI
V
Note 1
Logic-High Output Voltage
VOH
IOH = -1.0mA
0.8VDDI
VDDI
V
Note 1
Logic-Low Output Voltage
VOL
IOL = +1.0mA
VSS
0.2VDDI
V
Note 1
Logic-High Input Current
IIH
VIN = VDDI
1
uA
Note 1
Logic-Low Input Current
IIL
VIN = VSS
-1
uA
Note 1
Input Leakage Current
IIL
IOH = -1.0mA
-0.1
+0.1
uA
Note 1
VCOM Voltage
VCOM amplitude
VCOM
VSS
V
Source Driver
Source Output Range
Vsout
VAN
VAP
V
Gamma Reference
Voltage(Positive)
VAP
4.45
6.4
V
Note 6
Gamma Reference
Voltage(Negative)
VAN
-4.6
-2.65
V
Source Output Settling Time
Tr
Below with 99%
precision
20
us
Note 2
Output Offset Voltage
VOFFSET
35
mV
Note 3
Table 2 Basic DC Characteristics
Notes:
1. TA= -40 to 85
℃.
2. Source channel loading= 2K +12pF/channel, Gate channel loading=5K +40pF/channel.
3. The Max. value is between measured point of source output and gamma setting value.
4. When evaluating the maximum and minimum of VGH, VDD=2.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com