Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 316 page
background image
ST7789VI
Version 1.4
Page 18 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
4
PAD CENTER COORDINATES
PAD
No.
PIN Name
X
Y
1
DUMMY
-7292.5
-256.62
2
DUMMY
-7232.5
-256.62
3
VCOM
-7172.5
-256.62
4
VCOM
-7112.5
-256.62
5
VCOM
-7052.5
-256.62
6
VCOM
-6992.5
-256.62
7
VCOM
-6932.5
-256.62
8
VCOM
-6872.5
-256.62
9
VCOM
-6812.5
-256.62
10
VCOM
-6752.5
-256.62
11
DUMMY
-6692.5
-256.62
12
VAG
-6632.5
-256.62
13
VAG
-6572.5
-256.62
14
VDDS
-6512.5
-256.62
15
VDDS
-6452.5
-256.62
16
VDDGX
-6392.5
-256.62
17
VDDGX
-6332.5
-256.62
18
DUMMY
-6272.5
-256.62
19
DUMMY
-6212.5
-256.62
20
DUMMY
-6152.5
-256.62
21
DUMMY
-6092.5
-256.62
22
DUMMY
-6032.5
-256.62
23
DUMMY
-5972.5
-256.62
24
DUMMY
-5912.5
-256.62
25
DUMMY
-5852.5
-256.62
26
VGL
-5792.5
-256.62
27
VGL
-5732.5
-256.62
28
VGL
-5672.5
-256.62
29
VGL
-5612.5
-256.62
30
VGL
-5552.5
-256.62
31
VGL
-5492.5
-256.62
32
AVDD
-5432.5
-256.62
PAD
No.
PIN Name
X
Y
33
AVDD
-5372.5
-256.62
34
AVDD
-5312.5
-256.62
35
AVDD
-5252.5
-256.62
36
AVDD
-5192.5
-256.62
37
AVDD
-5132.5
-256.62
38
AVDD
-5072.5
-256.62
39
AVCL
-5012.5
-256.62
40
AVCL
-4952.5
-256.62
41
AVCL
-4892.5
-256.62
42
AVCL
-4832.5
-256.62
43
AVCL
-4772.5
-256.62
44
AVCL
-4712.5
-256.62
45
AVCL
-4652.5
-256.62
46
VAN
-4592.5
-256.62
47
VAN
-4532.5
-256.62
48
DUMMY
-4472.5
-256.62
49
DUMMY
-4412.5
-256.62
50
DUMMY
-4352.5
-256.62
51
DUMMY
-4292.5
-256.62
52
DUMMY
-4232.5
-256.62
53
DUMMY
-4172.5
-256.62
54
DUMMY
-4112.5
-256.62
55
DUMMY
-4052.5
-256.62
56
DUMMY
-3992.5
-256.62
57
DUMMY
-3932.5
-256.62
58
VAP
-3872.5
-256.62
59
VAP
-3812.5
-256.62
60
V20
-3752.5
-256.62
61
V20
-3692.5
-256.62
62
V20
-3632.5
-256.62
63
V20
-3572.5
-256.62
64
V20
-3512.5
-256.62
PAD
No.
PIN Name
X
Y
65
V20
-3452.5
-256.62
66
V20
-3392.5
-256.62
67
DUMMY
-3332.5
-256.62
68
DUMMY
-3272.5
-256.62
69
DUMMY
-3212.5
-256.62
70
DUMMY
-3152.5
-256.62
71
DUMMY
-3092.5
-256.62
72
DUMMY
-3032.5
-256.62
73
DUMMY
-2972.5
-256.62
74
VDD
-2912.5
-256.62
75
VDD
-2852.5
-256.62
76
VDD
-2792.5
-256.62
77
VDD
-2732.5
-256.62
78
VDD
-2672.5
-256.62
79
VDD
-2612.5
-256.62
80
VDD
-2552.5
-256.62
81
VDD
-2492.5
-256.62
82
AGND
-2432.5
-256.62
83
AGND
-2372.5
-256.62
84
AGND
-2312.5
-256.62
85
AGND
-2252.5
-256.62
86
AGND
-2192.5
-256.62
87
AGND
-2132.5
-256.62
88
AGND
-2072.5
-256.62
89
AGND
-2012.5
-256.62
90
AGND
-1952.5
-256.62
91
AGND
-1892.5
-256.62
92
AGND
-1832.5
-256.62
93
AGND
-1772.5
-256.62
94
AGND
-1712.5
-256.62
95
AGND
-1652.5
-256.62
96
AGND
-1592.5
-256.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com