Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 316 page
background image
ST7789VI
Version 1.4
Page 11 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
LIST OF TABLES
TABLE 1 ABSOLUTE OPERATION RANGE......................................................................................................................... 36
TABLE 2 BASIC DC CHARACTERISTICS .......................................................................................................................... 37
TABLE 3 POWER CONSUMPTION ..................................................................................................................................... 39
TABLE 4 8080 PARALLEL INTERFACE CHARACTERISTICS.............................................................................................. 41
TABLE 5 3-LINE SERIAL INTERFACE CHARACTERISTICS ................................................................................................ 42
TABLE 6 4-LINE SERIAL INTERFACE CHARACTERISTICS ................................................................................................ 43
TABLE 7 18/16 BITS RGB INTERFACE TIMING CHARACTERISTICS ............................................................................... 45
TABLE 8 6 BITS RGB INTERFACE TIMING CHARACTERISTICS ...................................................................................... 46
TABLE 9 RESET TIMING ................................................................................................................................................... 47
TABLE 10 INTERFACE TYPE SELECTION ......................................................................................................................... 49
TABLE 11 THE FUNCTION OF 8080-SERIES PARALLEL INTERFACE .................................................................................. 50
TABLE 12 THE FUNCTION OF 8080-Ⅱ
Ⅱ
Ⅱ
Ⅱ SERIES PARALLEL INTERFACE............................................................................ 53
TABLE 13 SELECTION OF SERIAL INTERFACE.................................................................................................................. 54
TABLE 14 PIN DESCRIPTION OF SERIAL INTERFACE ........................................................................................................ 55
TABLE 15 IM PIN SELECTION........................................................................................................................................... 61
TABLE 16 PIN DESCRIPTION OF 2 DATA LANE SERIAL INTERFACE .................................................................................. 61
TABLE 17 AC CHARACTERISTICS OF TEARING EFFECT SIGNAL IDLE MODE OFF (FRAME RATE = 60 HZ, TA=25°C)
............................................................................................................................................................................... 132
TABLE 18 VOLTAGE LEVEL PERCENTAGE ADJUSTMENT DESCRIPTION ......................................................................... 140
TABLE 19 SYSTEM FUNCTION COMMAND LIST ............................................................................................................ 160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com