Electronic Components Datasheet Search
  English  ▼

X  

ST7789 Datasheet(PDF) 215 Page - Sitronix Technology Co., Ltd.

Part # ST7789
Description  240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789 Datasheet(HTML) 215 Page - Sitronix Technology Co., Ltd.

Back Button ST7789 Datasheet HTML 211Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 212Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 213Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 214Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 215Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 216Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 217Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 218Page - Sitronix Technology Co., Ltd. ST7789 Datasheet HTML 219Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 316 page
background image
ST7789VI
Version 1.4
Page 215 of 315
2014/04
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.28 MADCTL (36h): Memory Data Access Control
36H
MADCTL (Memory Data Access Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
MADCTL
0
↑
1
-
0
0
1
1
0
1
1
0
(36h)
parameter
1
↑
1
-
MY
MX
MV
ML
RGB
MH
-
-
Description
-This command defines read/ write scanning direction of frame memory.
-Bit Assignment
Bit D7- Page Address Order
“0” = Top to Bottom (When MADCTL D7=”0”).
“1” = Bottom to Top (When MADCTL D7=”1”).
Bit D6- Column Address Order
“0” = Left to Right (When MADCTL D6=”0”).
“1” = Right to Left (When MADCTL D6=”1”).
Bit D5- Page/Column Order
“0” = Normal Mode (When MADCTL D5=”0”).
“1” = Reverse Mode (When MADCTL D5=”1”)
Note: Bits D7 to D5, alse refer to section 8.12 Address Control
Bit D4- Line Address Order
“0” = LCD Refresh Top to Bottom (When MADCTL D4=”0”)
“1” = LCD Refresh Bottom to Top (When MADCTL D4=”1”)
Bit D3- RGB/BGR Order
“0” = RGB (When MADCTL D3=”0”)
“1” = BGR (When MADCTL D3=”1”)
Bit D2- Display Data Latch Data Order
“0” = LCD Refresh Left to Right (When MADCTL D2=”0”)
“1” = LCD Refresh Right to Left (When MADCTL D2=”1”)
Bit
NAME
DESCRIPTION
D7
MY
Page Address Order
D6
MX
Column Address Order
D5
MV
Page/Column Order
D4
ML
Line Address Order
D3
RGB
RGB/BGR Order
D2
MH
Display Data Latch Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com