Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 16Page - Power Integrations, Inc. SID1182K Datasheet HTML 17Page - Power Integrations, Inc. SID1182K Datasheet HTML 18Page - Power Integrations, Inc. SID1182K Datasheet HTML 19Page - Power Integrations, Inc. SID1182K Datasheet HTML 20Page - Power Integrations, Inc. SID1182K Datasheet HTML 21Page - Power Integrations, Inc. SID1182K Datasheet HTML 22Page - Power Integrations, Inc. SID1182K Datasheet HTML 23Page - Power Integrations, Inc. SID1182K Datasheet HTML 24Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Rev. H 09/19
22
SID11x2K
www.power.com
Regulatory Information Table
VDE
UL
CSA
Certified to DIN V VDE V 0884-10
(VDE V 0884-10): 2006-12
UR recognized under UL1577 Component
Recognition Program
UR recognized to CSA Component Acceptance
Notice 5A
Reinforced insulation for Max. Transient
Isolation voltage 8 kV
PEAK, Max. Surge
Isolation voltage 8 kV
PEAK, Max. Repetitive
Peak Isolation voltage 1414 V
PEAK
Single protection, 5000 V
RMS dielectric voltage
withstand
Single protection, 5000 V
RMS dielectric voltage
withstand
File No. 40044363
File E358471
File E358471
Part Ordering Information
• SCALE-iDriver Product Family
• Series Number
• Package Identifier
K
eSOP-R16B
• Tape & Reel and Other Options
Blank
Tube of 48 pcs.
TL
Tape & Reel, 1000 pcs min/mult.
SID 11x2 K - TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com