Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 15Page - Power Integrations, Inc. SID1182K Datasheet HTML 16Page - Power Integrations, Inc. SID1182K Datasheet HTML 17Page - Power Integrations, Inc. SID1182K Datasheet HTML 18Page - Power Integrations, Inc. SID1182K Datasheet HTML 19Page - Power Integrations, Inc. SID1182K Datasheet HTML 20Page - Power Integrations, Inc. SID1182K Datasheet HTML 21Page - Power Integrations, Inc. SID1182K Datasheet HTML 22Page - Power Integrations, Inc. SID1182K Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Rev. H 09/19
19
SID11x2K
Figure 32. VEE Sink Capability I
VEE(SI) vs. Ambient Temperature and VVISO.
Conditions: V
VCC = 5 V, fS = 20 kHz, Duty Cycle = 50%.
Figure 31. VEE Source Capability I
VEE(SO) vs. Ambient Temperature and VVISO.
Conditions: V
VCC = 5 V, fS = 20 kHz, Duty Cycle = 50%.
Typical Performance Characteristics
Figure 30. Desaturation Detection Level V
DES vs. Ambient Temperature.
Conditions: V
VCC = 5 V.
Figure 29. Power Supply Monitoring Negative Rail Hysteresis UVLO
VEE vs. Ambient
Temperature. Conditions: V
VCC = 5 V.
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
300
200
250
150
50
100
0
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
9.0
7.5
8.0
8.5
6.5
7.0
5.5
6.0
5.0
VTOT = 22 V
VTOT = 25 V
VTOT = 28 V
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
3.50
3.30
3.25
3.35
3.45
3.40
3.20
3.05
3.15
3.10
3.00
VTOT = 22 V and VVISO = 12.5 V
VTOT = 25 V and VVISO = 12.5 V
VTOT = 28 V and VVISO = 12.5 V
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
3.60
3.40
3.35
3.45
3.55
3.50
3.30
3.15
3.20
3.25
3.10
VTOT = 22 V and VVISO = 17.5 V
VTOT = 25 V and VVISO = 17.5 V
VTOT = 28 V and VVISO = 17.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com