Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 16Page - Power Integrations, Inc. SID1182K Datasheet HTML 17Page - Power Integrations, Inc. SID1182K Datasheet HTML 18Page - Power Integrations, Inc. SID1182K Datasheet HTML 19Page - Power Integrations, Inc. SID1182K Datasheet HTML 20Page - Power Integrations, Inc. SID1182K Datasheet HTML 21Page - Power Integrations, Inc. SID1182K Datasheet HTML 22Page - Power Integrations, Inc. SID1182K Datasheet HTML 23Page - Power Integrations, Inc. SID1182K Datasheet HTML 24Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Rev. H 09/19
23
SID11x2K
Revision Notes
Date
A
Code S. Initial Release.
05/16
B
Updated Figure 1.
06/16
C
Updated Figures 1, 3, 9, 10, 13 and 14.
08/16
D
Code A. Updated Figure 3, reversed order of Figures 9 and 10, and made text corrections to pages 4, 6 and 7.
Updated I
VCC, IVISO, tR, tF, tFSSD1, IGH, IGL, VSO(FAULT), IDES(BS) parameters. Moved Electrical Characteristics (EMI) parameter
section to page 20 and updated Figure 20.
10/16
E
Made updates to Abs Max Ratings table, added T
C and changed TAMB to TA under Conditions on page 10. Deleted Typ value
from UVLO
VISO(BL) on page 11, made changes in Conditions column for IVEE(SO), IVEE(SI), tR and tF on page 12, corrected Max
and Units value for t
START and VGH(ON) value changes under Conditions on page 13, removed Typ value for DTI, corrected
Condition value for R
IO and moved Typ values to Max column under Package Insulation Characteristic parameter on
page 14. Moved Typ value to Max column for P
S on page 15, added Note 16 and updated Note 1, updated Figure 16 and
changed T
JOP to TJ on page 16, minor aesthetic updates to Figures 17, 19 20, 23, corrected vertical axis label on Figure 29,
updated vertical axis values in Figure 31, updated ESD and Latch-Up table and fixed capitalization in row 2, column 1 of
Regulatory Information table.
12/16
F
Added Min value to I
VCC parameter on page 11. Added SID1112K part number to family.
11/17
G
Updated with UL approval information for VDE column in Regulatory Information table on page 22.
05/18
H
Added Notes under Conditions column for V
IN+HS, UVLOVCC, UVLOVISO and UVLOVEE parameters.
09/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com