Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 13Page - Power Integrations, Inc. SID1182K Datasheet HTML 14Page - Power Integrations, Inc. SID1182K Datasheet HTML 15Page - Power Integrations, Inc. SID1182K Datasheet HTML 16Page - Power Integrations, Inc. SID1182K Datasheet HTML 17Page - Power Integrations, Inc. SID1182K Datasheet HTML 18Page - Power Integrations, Inc. SID1182K Datasheet HTML 19Page - Power Integrations, Inc. SID1182K Datasheet HTML 20Page - Power Integrations, Inc. SID1182K Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Rev. H 09/19
17
SID11x2K
Typical Performance Characteristics
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
117
116
114
115
113
110
111
112
109
108
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
20
16
15
18
17
19
14
13
12
11
10
IN = 0 V DC
IN = 5 V DC
fS = 20 kHz
fS = 75 kHz
0
50
100
150
200
250
300
Switching Frequency – fS (kHz)
40
30
35
15
20
25
10
5
0
-60
-40
0
20
-20
40
100 120 140
80
60
Ambient Temperature (°C)
11.0
10.5
9.5
9.0
10.0
7.5
8.0
8.5
7.0
6.5
6.0
IN = 0 V DC
IN = 5 V DC
fS = 20 kHz
fS = 75 kHz
0
50
100
150
250
300
200
Switching Frequency – fS (kHz)
25
15
20
10
5
0
VTOT = 22 V
VTOT = 25 V
VTOT = 28 V
Figure 17. Input Bias Current vs. Ambient Temperature.
Conditions: V
VCC = 5 V, VIN = 5 V, VTOT = 25 V.
Figure 19. Supply Current Primary-Side I
VCC vs. Switching Frequency.
Conditions: V
VCC = 5 V, VTOT = 25 V, TJ= 25 °C, 0 Hz ≤ fS
≤ 250 kHz, No-Load.
Figure 20. Supply Current Secondary-Side I
VISO vs. Ambient Temperature.
Conditions: V
VCC = 5 V, VTOT = 25 V, No-Load.
Figure 18. Supply Current Primary-Side I
VCC vs. Ambient Temperature.
Conditions: V
VCC = 5 V, VTOT = 25 V, No-Load.
Figure 21. Supply Current Secondary-Side I
VISO vs. Ambient Temperature.
Conditions: V
VCC = 5 V, VTOT = 25 V, No-Load.
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
350
200
250
300
150
100
50
0
tP(HL), Turn-On Delay
tP(LH), Turn-Off Delay
Figure 22. Propagation Delay Time vs. Ambient Temperature.
Conditions: V
VCC = 5 V, VTOT = 25 V, fS = 20 kHz, CLOAD = 2.2 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com