Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 3 Page - Power Integrations, Inc.

  SID1182K Datasheet HTML 1Page - Power Integrations, Inc. SID1182K Datasheet HTML 2Page - Power Integrations, Inc. SID1182K Datasheet HTML 3Page - Power Integrations, Inc. SID1182K Datasheet HTML 4Page - Power Integrations, Inc. SID1182K Datasheet HTML 5Page - Power Integrations, Inc. SID1182K Datasheet HTML 6Page - Power Integrations, Inc. SID1182K Datasheet HTML 7Page - Power Integrations, Inc. SID1182K Datasheet HTML 8Page - Power Integrations, Inc. SID1182K Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Rev. H 09/19
3
SID11x2K
SCALE-iDriver Functional Description
The single channel SCALE-iDriver
™ family is designed to drive IGBTs
and MOSFETs or other semiconductor power switches with a blocking
voltage of up to 1200 V and provide reinforced isolation between
micro-controller and the power semiconductor switch. The logic
input (PWM) command signals applied via the IN pin and the primary
supply voltage supplied via the VCC pin are both reference to the
GND pin. The working status of the power semiconductor switch and
SCALE-iDriver is monitored via the SO pin.
PMW command signals are transferred from the primary (IN) to
secondary-side via FluxLink isolation technology. The GH pin supplies
a positive gate voltage and charges the semiconductor gate during
the turn-on process. The GL pin supplies the negative voltage and
discharges the gate during the turn-off process.
Short-circuit protection is implemented using a desaturation detection
technique monitored via the VCE pin. After the SCALE-iDriver detects
a short-circuit, the semiconductor turn-off process is implemented
using an Advanced Soft Shut Down (ASSD) technique.
Power Supplies
The SID11x2K requires two power supplies. One is the primary-side
(V
VCC) which powers the primary-side logic and communication with
the secondary (insulated) side. One supply voltage is required for the
secondary-side, V
TOT is applied between the VISO pin and the COM
pin. V
TOT needs to be insulated from the primary-side and must
provide at least the same insulation capabilities as the SCALE-iDriver.
V
TOT must have a low capacitive coupling to the primary or any other
secondary-side. The positive gate-emitter voltage is provided by V
VISO
which is internally generated and stabilized to 15 V (typically) with
respect to VEE. The negative gate-emitter voltage is provided by V
VEE
with respect to COM. Due to the limited current sourcing capabilities
of the VEE pin, any additional load needs to be applied between the
VISO and COM pins. No additional load between VISO and VEE pins
or between VEE and COM pins is allowed.
Input and Fault Logic (Primary-Side)
The input (IN) and output (SO) logic is designed to work directly with
micro-controllers using 5 V CMOS logic. If the physical distance
between the controller and the SCALE-iDriver is large or if a different
logic level is required the resistive divider in Figure 5, or Schmitt-trigger
ICs (Figures 13 and 14) can be used. Both solutions adjust the logic level
as necessary and will also improve the driver’s noise immunity.
Gate driver commands are transferred from the IN pin to the GH and
GL pins with a propagation delay t
P(LH) and tP(HL).
During normal operation, when there is no fault detected, the SO pin
stays at high impedance (open). Any fault is reported by connecting
the SO pin to GND. The SO pin stays low as long as the V
VCC voltage
(primary-side) stays below UVLO
VCC, and the propagation delay is
negligible. If desaturation is detected (there is a short-circuit), or the
supply voltages V
VISO, VVEE, (secondary-side) drop below UVLOVISO,
UVLO
VEE, the SO status changes with a delay time tFAULT and keeps
status low for a time defined as t
SO. In case of a fault condition the
driver applies the off-state (the GL pin is connected to COM). During
the t
SO period, command signal transitions from the IN pin are
ignored. A new turn-on command transition is required before the
driver will enter the on-state.
The SO pin current is defined as I
SO; voltage during low status is
defined as V
SO(FAULT).
Output (Secondary-Side)
The gate of the power semiconductor switch to be driven can be
connected to the SCALE-iDriver output via pins GH and GL, using two
different resistor values. Turn-on gate resistor R
GON needs to be
connected to the GH pin and turn-off gate resistor R
GOFF to the GL pin.
If both gate resistors have the same value, the GL and GH pins can be
connected together. Note: The SCALE-iDriver data sheet defines the
R
GH and RGL values as total resistances connected to the respective
pins GH and GL. Note that most power semiconductor data sheets
specify an internal gate resistor R
GINT which is already integrated into
the power semiconductor switch. In Addition to R
GINT, external
resistor devices R
GON and RGOFF are specified to setup the gate current
levels to the application requirements. Consequently, R
GH is the sum
of R
GON and RGINT, as shown in Figures 9 and 10. Careful consideration
should be given to the power dissipation and peak current associated
with the external gate resistors.
The GH pin output current source (I
GH) of SID1182K is capable of
handling up to 7.3 A during turn-on, and the GL pin output current
source (I
GL) is able to sink up to 8.0 A during turn-off. The SCALE-
iDriver’s internal resistances are described as R
GHI and RGLI respec-
tively. If the gate resistors for SCALE-iDriver family attempt to draw
a higher peak current, the peak current will be internally limited to a
safe value, see Figures 6 and 7. Figure 8 shows the peak current
Figure 5. Increased Threshold Voltages V
IN+LT and VIN+HT. For R1 = 3.3 kW and
R
2 = 1 kW the IN Logic Level is 15 V.
Figure 6. Turn-On Peak Output Current (Source) vs. Ambient Temperature.
Conditions: VCC = 5 V, V
TOT = 25 V, fS = 20 kHz, Duty Cycle = 50%.
-60 -40
-20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
9
8
6
7
5
4
3
2
0
1
RGH = 4 Ω, RGL = 3.4 Ω, CLOAD = 47 nF
RGH = 4 Ω, RGL = 3.4 Ω, CLOAD = 100 nF
RGH = RGL = 0 Ω, CLOAD = 47 nF
PI-7950-050916
SCALE-iDriver
IN
SO
VCC
GND
RSO
R2
R1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com