Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 11Page - Power Integrations, Inc. SID1182K Datasheet HTML 12Page - Power Integrations, Inc. SID1182K Datasheet HTML 13Page - Power Integrations, Inc. SID1182K Datasheet HTML 14Page - Power Integrations, Inc. SID1182K Datasheet HTML 15Page - Power Integrations, Inc. SID1182K Datasheet HTML 16Page - Power Integrations, Inc. SID1182K Datasheet HTML 17Page - Power Integrations, Inc. SID1182K Datasheet HTML 18Page - Power Integrations, Inc. SID1182K Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Rev. H 09/19
15
SID11x2K
Package Insulation Characteristics
Maximum Working
Isolation Voltage
V
IOWM
1000
V
RMS
Maximum Repetitive
Peak Isolation Voltage
V
IORM
1414
V
PEAK
Input to Output
Test Voltage
V
PD
Method A, After Environmental Tests
Subgroup 1, V
PR = 1.6 × VIORM, t = 10 s
(qualification) Partial Discharge < 5 pC
2263
V
PEAK
Method A, After Input/Output Safety Test
Subgroup 2/3, V
PR = 1.2 x VIORM, t = 10 s,
(qualification) Partial Discharge < 5 pC
1697
Method B1, 100% Production Test,
V
PR = 1.875 × VIORM, t = 1 s
Partial Discharge < 5 pC
2652
Maximum Transient
Isolation Voltage
V
IOTM
V
TEST = VIOTM, t = 60 s (qualification),
t = 1 s (100% production)
8000
V
PEAK
Maximum Surge
Isolation Voltage
V
IOSM
Test Method Per IEC 60065, 1.2/50 µs
Waveform, V
TEST = 1.6 x VIOSM = 12800 V
(qualification)
8000
V
PEAK
Insulation Resistance
R
S
V
IO = 500 V at TS
>109
W
Maximum Case
Temperature
T
S
150
°C
Safety Total
Dissipated Power
P
S
T
A = 25 °C
1.79
W
Pollution Degree
2
Climatic Classification
40/125/21
Withstanding
Isolation Voltage
V
ISO
V
TEST = VISO, t = 60 s (qualification),
V
TEST = 1.2 × VISO = 6000 VRMS, t = 1 s
(100% production)
5000
V
RMS
Parameter
Symbol
Conditions
T
J = -40 °C to +125 °C
See Note 1 (Unless Otherwise Specified)
Min
Typ
Max
Units
Package Characteristics (See Notes 12, 14)
Distance Through the
Insulation
DTI
Minimum Internal Gap (Internal Clearance)
0.4
mm
Minimum Air Gap
(Clearance)
L1 (IO1)
Shortest Terminal-to-Terminal Distance
Through Air
9.5
mm
Minimum External
Tracking (Creepage)
L2 (IO2)
Shortest Terminal-to-Terminal Distance
Across the Package Surface
9.5
mm
Tracking Resistance
(Comparative Tracking
Index)
CTI
DIN EN 60112 (VDE 0303-11): 2010-05
EN / IEC 60112:2003 + A1:2009
600
Isolation Resistance,
Input to Output
See Note 16
R
IO
V
IO = 500 V, TJ = 25 °C
1012
W
V
IO = 500 V, 100 °C ≤ TJ ≤ TC(MAX)
1011
Isolation Capacitance,
Input to Output
See Note 16
C
IO
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com