Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 10Page - Power Integrations, Inc. SID1182K Datasheet HTML 11Page - Power Integrations, Inc. SID1182K Datasheet HTML 12Page - Power Integrations, Inc. SID1182K Datasheet HTML 13Page - Power Integrations, Inc. SID1182K Datasheet HTML 14Page - Power Integrations, Inc. SID1182K Datasheet HTML 15Page - Power Integrations, Inc. SID1182K Datasheet HTML 16Page - Power Integrations, Inc. SID1182K Datasheet HTML 17Page - Power Integrations, Inc. SID1182K Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Rev. H 09/19
14
SID11x2K
www.power.com
Parameter
Symbol
Conditions
T
J = -40 °C to +125 °C
See Note 1 (Unless Otherwise Specified)
Min
Typ
Max
Units
Electrical Characteristics (cont.)
Gate Sinking Peak
Current GL Pin
I
GL
V
GL ≤ 7.5 V
C
G = 470 nF
V
GL is Referenced
to COM
SID1112K
See Note 12
0.52
A
SID1132K
See Note 12
1.3
SID1152K
See Note 12
2.6
SID1182K
4
4.8
5.5
R
G = 0, CG = 47 nF
See Notes 2, 12
SID1112K
1.04
SID1132K
2.6
SID1152K
5.2
SID1182K
7.8
Turn-On Internal
Gate Resistance
R
GHI
I(GH) = -250 mA
V
IN= 5 V
SID1112K
See Note 12
12
W
SID1132K
See Note 12
4.8
SID1152K
See Note 12
2.4
SID1182K
0.76
1.2
Turn-Off Internal
Gate Resistance
R
GLI
I(GL) = 250 mA
V
IN = 0 V
SID1112K
See Note 12
10
W
SID1132K
See Note 12
4
SID1152K
See Note 12
2
SID1182K
0.68
1.1
Turn-On Gate
Output Voltage
V
GH(ON)
I(GH) = 2 mA
V
IN = 5 V, See Note 13
SID1112K
See Note 12
V
TOT-0.04
V
I(GH) = 6.6 mA
V
IN = 5 V, See Note 13
SID1132K
See Note 12
I(GH) = 10 mA
V
IN = 5 V, See Note 13
SID1152K
See Note 12
I(GH) = 20 mA
V
IN = 5 V, See Note 13
SID1182K
Turn-Off Gate
Output Voltage
(Referred to COM Pin)
V
GL(OFF)
I(GL) = -2 mA
V
IN = 0 V
SID1112K
See Note 12
0.04
V
I(GL) = -6.6 mA
V
IN = 0 V
SID1132K
See Note 12
I(GL) = -10 mA
V
IN = 0 V
SID1152K
See Note 12
I(GL) = -20 mA
V
IN = 0 V
SID1182K
SO Output Voltage
V
SO(FAULT)
Fault Condition, I
SO = 3.4 mA, VVCC ≥ 3.9 V
210
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com