Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 16Page - Power Integrations, Inc. SID1182K Datasheet HTML 17Page - Power Integrations, Inc. SID1182K Datasheet HTML 18Page - Power Integrations, Inc. SID1182K Datasheet HTML 19Page - Power Integrations, Inc. SID1182K Datasheet HTML 20Page - Power Integrations, Inc. SID1182K Datasheet HTML 21Page - Power Integrations, Inc. SID1182K Datasheet HTML 22Page - Power Integrations, Inc. SID1182K Datasheet HTML 23Page - Power Integrations, Inc. SID1182K Datasheet HTML 24Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Rev. H 09/19
20
SID11x2K
www.power.com
PI-6995-051716
POD-eSOP-R16B Rev B
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions noted are determined at the outermost extremes of the plastic body exclusive of mold
flash, tie bar burrs, gate burrs, and inter-lead flash, but including any mismatch between the top
and bottom of the plastic body. Maximum mold protrusion is 0.007 [0.18] per side.
3. Dimensions noted are inclusive of plating thickness.
4. Does not include inter-lead flash or protrusions.
5. Controlling dimensions in inches [mm].
6. Datums A and B to be determined in Datum H.
7. Exposed metal at the plastic package body outline/surface between leads 6 and 7, connected
internally to wide lead 3/4/5/6.
0.356 [9.04]Ref.
0.306 [7.77] Ref.
0.080 [2.03] Ref.
0.050 [1.27]
0.464 [11.79]
0.010 [0.25]
0.400 [10.16]
0.350 [8.89]
Pin #1 I.D.
(Laser Marked)
16
9
9 10 11 12 13 14 15 16
1
8
8
7
6
5
4 3
1
2
2
0.045 [1.14] Ref.
0.158 [4.01]
0.152 [3.86]
0.040 [1.02]
0.028 [0.71]
0.032 [0.81]
0.029 [0.74]
0.012 [0.30]
0.004 [0.10]
0.049 [1.23]
0.046 [1.16]
0.092 [2.34]
0.086 [2.18]
Detail A
0.105 [2.67]
0.093 [2.36]
Gauge Plane
Seating Plane
4
3
SIDE VIEW
TOP VIEW
BOTTOM VIEW
DETAIL A
END VIEW
0.059 [1.50]
Ref. Typ.
0.010 [0.25] Ref.
0.019 [0.48]
Ref.
0.022 [0.56] Ref.
0.020 [0.51]
Ref.
0.028 [0.71]
Ref.
0.057 [1.45] Ref.
0° - 8°
0.059 [1.50]
Ref. Typ.
0.010 [0.24]
Ref.
13X
0.023 [0.58]
0.018 [0.46]
0.010 [0.25] M C A B
4
3
0.004 [0.10]
2X
12X
C B
0.004 [0.10]
12 Leads
Seating Plane to
Molded Bumps
Standoff
Seating
Plane
C
0.004 [0.10]
2X
C A
0.006 [0.15]
8 Lead Tips
C
0.006 [0.15]
4 Lead Tips
C
B
C
H
A
0.016 [0.41]
0.011 [0.28]
C
7
3
.028 [0.71]
.070 [1.78]
.460 [11.68]
.162 [4.11]
.165 [4.19]
.300 [7.62]
INCH [mm]
.350 [8.89]
.050 [1.27]
eSOP-R16B
Reference
Solder Pad
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com