Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 6Page - Power Integrations, Inc. SID1182K Datasheet HTML 7Page - Power Integrations, Inc. SID1182K Datasheet HTML 8Page - Power Integrations, Inc. SID1182K Datasheet HTML 9Page - Power Integrations, Inc. SID1182K Datasheet HTML 10Page - Power Integrations, Inc. SID1182K Datasheet HTML 11Page - Power Integrations, Inc. SID1182K Datasheet HTML 12Page - Power Integrations, Inc. SID1182K Datasheet HTML 13Page - Power Integrations, Inc. SID1182K Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Rev. H 09/19
10
SID11x2K
www.power.com
Thermal Resistance
Thermal Resistance: eSOP-R16B Package:
Primary-side (q
JA) .............................. 51 °C/W
1
Secondary-side (q
JA) .......................... 67 °C/W
1
Primary-side (q
JC) .............................. 22 °C/W
2
Secondary-side (q
JC) .......................... 34 °C/W
2
Notes:
1. 2 oz. (610 g/m2) copper clad. Measured with layout shown in Figure 15.
2. The case temperature is measured at the plastic surface at the top
of the package.
Parameter
Symbol
Conditions
Min
Max
Units
Absolute Maximum Ratings1
Primary-Side Supply Voltage2
V
VCC
VCC to GND
-0.5
6.5
V
Secondary-Side Total Supply Voltage
V
TOT
VISO to COM
-0.5
30
V
Secondary-Side Positive Supply Voltage
V
VISO
VISO to VEE
-0.5
17.5
V
Secondary-Side Negative Supply Voltage
V
VEE
VEE to COM
-0.5
15
V
Logic Input Voltage (command signal)
V
IN
IN to GND
-0.5
V
VCC + 0.5
V
Logic Output Voltage (fault signal)
V
SO
SO to GND
-0.5
V
VCC + 0.5
V
Logic Output Current (fault signal)
I
SO
Positive Current Flowing into the Pin
10
mA
VCE Pin Voltage
V
VCE
VCE - COM
-0.5
V
TOT + 0.5
V
Switching Frequency
f
S
250
kHz
Storage Temperature
T
S
-65
150
°C
Operating Junction Temperature
T
J
-40
1503
°C
Operating Ambient Temperature
T
A
-40
125
°C
Operating Case Temperature
T
C
-40
125
°C
Input Power Dissipation4
P
P
V
VCC = 5 V, VTOT = 28 V,
T
A = 25 °C
f
S = 250 kHz
188
mW
Output Power Dissipation4
P
S
1602
Total IC Power Dissipation4
P
DJS
1790
mW
NOTES:
1. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
2. Defined as peak voltage measured directly on VCC pin.
3. Transmission of command signals could be affected by PCB layout parasitic inductances at junction temperatures higher than recommended.
4. Input Power Dissipation refers to equation 2. Output Power Dissipation is secondary-side IC power dissipation without capacitive load
(P
SNL, equation 3) and dissipated power under load (POL, equation 4). Total IC power dissipation is sum of PP and PS.
Parameter
Conditions
Rating
Units
Ratings for UL1577
Primary-Side
Current Rating
Current at Pin 1 (VCC)
T
A = 125 °C
34
mA
Primary-Side
Power Rating
T
A = 25 °C
180
mW
Secondary-Side
Current Rating
Current at Pin 14 (VISO)
T
A = 125 °C
27
mA
Peak Current at Pin 13 (GH) / 16 (GL), T
A = 125 °C
Frequency = 250 kHz (SID1182K)
6.1
A
Peak Current at Pin 13 (GH) / 16 (GL), T
A = 125 °C
Frequency = 250 kHz (SID1152K)
4
Peak Current at Pin 13 (GH) / 16 (GL), T
A = 125 °C
Frequency = 250 kHz (SID1132K)
2
Secondary-Side
Power Rating
T
A = 25 °C
800
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com