Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 7Page - Power Integrations, Inc. SID1182K Datasheet HTML 8Page - Power Integrations, Inc. SID1182K Datasheet HTML 9Page - Power Integrations, Inc. SID1182K Datasheet HTML 10Page - Power Integrations, Inc. SID1182K Datasheet HTML 11Page - Power Integrations, Inc. SID1182K Datasheet HTML 12Page - Power Integrations, Inc. SID1182K Datasheet HTML 13Page - Power Integrations, Inc. SID1182K Datasheet HTML 14Page - Power Integrations, Inc. SID1182K Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Rev. H 09/19
11
SID11x2K
Parameter
Symbol
Conditions
T
J = -40 °C to +125 °C
See Note 1 (Unless Otherwise Specified)
Min
Typ
Max
Units
Recommended Operation Conditions
Primary-Side
Supply Voltage
V
VCC
VCC ‒ GND
4.75
5.25
V
Secondary-Side
Total Supply Voltage
V
TOT
VISO ‒ COM
22
28
V
Logic Low Input Voltage
V
IL
0.5
V
Logic High
Input Voltage
V
IH
3.3
V
Switching Frequency
f
S
0
75
kHz
Operating IC Junction
Temperature
T
J
-40
125
°C
Electrical Characteristics
Logic Low Input
Threshold Voltage
V
IN+LT
f
S = 0 Hz
0.6
1.25
1.8
V
Logic High Input
Threshold Voltage
V
IN+HT
f
S = 0 Hz
1.7
2.2
3.05
V
Logic Input
Voltage Hysteresis
V
IN+HS
f
S = 0 Hz
See Note 12
0.1
V
Input Bias Current
I
IN
V
IN = 5 V
56
113
165
µA
V
IN > 3 V
See Note 12
106
Supply Current
(Primary-Side)
I
VCC
V
IN = 0 V
4
11
17
mA
V
IN = 5 V
16
23
f
S = 20 kHz
14.5
20
f
S = 75 kHz
16.3
23
Supply Current
(Secondary-Side)
I
VISO
V
IN = 0 V
6
8
mA
V
IN = 5 V
7
9
f
S = 20 kHz
7.4
10
f
S = 75 kHz
10.3
14
Power Supply
Monitoring Threshold
(Primary-Side)
UVLO
VCC
Clear Fault
4.28
4.65
V
Set Fault
3.85
4.12
Hysteresis, See Notes 3, 4, 12
0.02
Power Supply
Monitoring Threshold
(Secondary-Side,
Positive Rail V
VISO)
UVLO
VISO
Clear Fault
12.85
13.5
V
Set Fault, Note 3
11.7
12.35
Hysteresis, See Note 12
0.3
Power Supply Monitor-
ing Blanking Time, V
VISO
UVLO
VISO(BL)
Voltage Drop 13.5 V to 11.5 V
See Note 12
0.5
µs
Power Supply
Monitoring Threshold
(Secondary-Side,
Negative Rail V
VEE)
UVLO
VEE
Clear Fault, V
TOT = 20 V
5.15
5.5
V
Set Fault, V
TOT = 20 V
4.67
4.93
Hysteresis, See Note 12
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com