Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 2Page - Power Integrations, Inc. SID1182K Datasheet HTML 3Page - Power Integrations, Inc. SID1182K Datasheet HTML 4Page - Power Integrations, Inc. SID1182K Datasheet HTML 5Page - Power Integrations, Inc. SID1182K Datasheet HTML 6Page - Power Integrations, Inc. SID1182K Datasheet HTML 7Page - Power Integrations, Inc. SID1182K Datasheet HTML 8Page - Power Integrations, Inc. SID1182K Datasheet HTML 9Page - Power Integrations, Inc. SID1182K Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Rev. H 09/19
6
SID11x2K
www.power.com
Figure 13. SCALE-iDriver Application Example Using a Resistor Network for Desaturation Detection.
Figure 14. SCALE-iDriver Application Example Using Diodes for Desaturation Detection.
Application Examples and Components Selection
Figures 13 and 14 show the schematic and typical components used
for a SCALE-iDriver design. In both cases the primary-side supply
voltage (V
VCC) is connected between VCC and GND pins and supported
through a supply bypass ceramic capacitor C
1 (4.7 µF typically). If the
command signal voltage level is higher than the rated IN pin voltage
(in this case 15 V) a resistive voltage divider should be used. Additional
capacitor C
F and Schmitt trigger IC1 can be used to provide input
signal filtering. The SO output has 5 V logic and the R
SO is selected
so that it does not exceed absolute maximum rated I
SO current.
The secondary-side isolated power supply (V
TOT) is connected between
VISO and COM. The positive voltage rail (V
VISO) is supported through
4.7 µF ceramic capacitors C
S21 and CS22 connected in parallel. The
negative voltage rail (V
VEE) is similarly supported through capacitors
C
S11 and CS12. The gate charge will vary according to the type of
power semiconductor switch that is being driven. Typically, C
S11 + CS12
should be at least 3 µF multiplied by the total gate charge of the
power semiconductor switch (Q
GATE) divided by 1 µC. A 10 nF capacitor
C
GXX is connected between the GH and VGXX pins.
The gate of the power semiconductor switch is connected through
resistor R
GON to the GH pin and by RGOFF to the GL pin. If the value of
R
GON is the same as RGOFF the GH pin can be connected to the GL pin
and a common gate resistor can be connected to the gate. In each
case, proper consideration needs to be given to the power dissipation
and temperature performance of the gate resistors.
To ensure gate voltage stabilization and collector current limitation
during a short-circuit, the gate is connected to the VISO pin through
a Schottky diode D
STO (for example PMEG4010).
PI-7953-092216
CGXX
10 nF
CS21
4.7 µF
CS22
4.7 µF
CS11
4.7 µF
CS12
4.7 µF
RGON
RGOFF
RVCE
330 Ω
DVCE2
DVCE1
CRES
33-330 pF
RGE
6.8 kΩ
RRES
24-62 kΩ
Gate
Emitter
Collector
IN
SO
VCC
GND
CF
SO
RSO
4.7 kΩ
R2
1 kΩ
R1
3.3 kΩ
VCC
GND
IC1
74LVC
C1
4.7 µF
Command
Signal
DSTO
SCALE-iDriver
Primary-Side
Logic
Secondary-Side
Logic
VCE
VISO
VGXX
GH
GL
VEE
COM
VTOT
+
-
FluxLink
Primary-Side
Logic
IN
SO
VCC
GND
CF
SO
RSO
4.7 kΩ
R2
1 kΩ
R1
3.3 kΩ
VCC
GND
C1
4.7 µF
Command
Signal
DCL
BAS416
PI-7954-092216
CGXX
10 nF
CS21
4.7 µF
CS22
4.7 µF
CS11
4.7 µF
CS12
4.7 µF
RGON
RGOFF
RVCE2-11
100 kΩ × 10
CRES
33 pF
RGE
6.8 kΩ
Gate
Emitter
Collector
DSTO
SCALE-iDriver
Primary-Side
Logic
Secondary-Side
Logic
RVCE
120 kΩ
VCE
VISO
VGXX
GH
GL
VEE
COM
VTOT
+
-
FluxLink
IC1
74LVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com