Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button SID1182K Datasheet HTML 14Page - Power Integrations, Inc. SID1182K Datasheet HTML 15Page - Power Integrations, Inc. SID1182K Datasheet HTML 16Page - Power Integrations, Inc. SID1182K Datasheet HTML 17Page - Power Integrations, Inc. SID1182K Datasheet HTML 18Page - Power Integrations, Inc. SID1182K Datasheet HTML 19Page - Power Integrations, Inc. SID1182K Datasheet HTML 20Page - Power Integrations, Inc. SID1182K Datasheet HTML 21Page - Power Integrations, Inc. SID1182K Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Rev. H 09/19
18
SID11x2K
www.power.com
Typical Performance Characteristics
Figure 25. Power Supply Monitoring Hysteresis UVLO
VCC vs. Ambient Temperature.
Conditions: V
TOT = 25 V.
Figure 24. Power Supply Monitoring UVLO
VCC vs. Ambient Temperature.
Conditions: V
TOT = 25 V.
Figure 23. SO Fault Signalization Time vs. Ambient Temperature.
Conditions: V
VCC = 5 V, VTOT = 25 V, RSO = 4.7 kW.
Figure 26. Power Supply Monitoring Positive Rail UVLO
VISO vs. Ambient
Temperature. Conditions: V
VCC = 5 V.
Figure 27 Power Supply Monitoring Positive Rail Hysteresis UVLO
VISO vs. Ambient
Temperature. Conditions: V
VCC = 5 V.
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
12
6
8
10
4
2
0
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
4.5
2.5
3.0
3.5
4.0
1.5
2.0
0.5
1.0
0.0
Clear Fault
Set Fault
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
200
120
140
160
180
80
100
20
40
60
0
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
14
8
10
12
4
6
2
0
Clear Fault
Set Fault
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
800
500
600
700
400
100
200
300
0
Figure 28. Power Supply Monitoring Negative Rail UVLO
VEE vs. Ambient
Temperature. Conditions: V
VCC = 5 V.
-60
-40 -20
0
20
40
100 120 140
80
60
Ambient Temperature (°C)
6
4
5
2
3
1
0
Clear Fault
Set Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com