Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 210 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 210 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 206Page - TE Connectivity Ltd 927770-3 Datasheet HTML 207Page - TE Connectivity Ltd 927770-3 Datasheet HTML 208Page - TE Connectivity Ltd 927770-3 Datasheet HTML 209Page - TE Connectivity Ltd 927770-3 Datasheet HTML 210Page - TE Connectivity Ltd 927770-3 Datasheet HTML 211Page - TE Connectivity Ltd 927770-3 Datasheet HTML 212Page - TE Connectivity Ltd 927770-3 Datasheet HTML 213Page - TE Connectivity Ltd 927770-3 Datasheet HTML 214Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 260 page
background image
Lead Makers
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-188
The Alpha 477 machine allows
the processing of a wide
variety of wire combinations
from a double crimp up to
three different contacts,
two different seals and two
different wire sections.
Alpha 477 Lead Maker
Double Crimp
Connections with
Two Different Wires
The arrangement of six
processing stations plus a
double gripper unit make for
highly diverse processing
possibilities. As a result, the
Alpha 477 machine can grow
and expand to meet your
future needs.
Individual wires with cross
section of 0.22 mm2 up to
4 mm2 can be processed.
The maximum total cross
sections of a double crimp
can be as large as 6 mm2.
The Alpha 488 machine was
designed for the economical
processing of twisted pairs,
consistently combining as it
does state of the art tech-
nology with proven system
elements like TopWin™
user-interface, the mci 712
or mci 722 crimp module.
Alpha 488 Lead Maker
Processing of Twisted
Pairs
The Alpha 488 machine
creates fully processed
twisted pairs from endless
wire. This automatic twisting
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
TopWin is a trademark of Komax AG
machine can accommodate
wires with cross sections of
2 x 0.22 mm2 to 2 x 2.5 mm2.
Four stations on side 1 and
two on side 2 make for
flexible processing possibilities
such as double-ended seal
application and crimping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com