Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 213 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 213 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 209Page - TE Connectivity Ltd 927770-3 Datasheet HTML 210Page - TE Connectivity Ltd 927770-3 Datasheet HTML 211Page - TE Connectivity Ltd 927770-3 Datasheet HTML 212Page - TE Connectivity Ltd 927770-3 Datasheet HTML 213Page - TE Connectivity Ltd 927770-3 Datasheet HTML 214Page - TE Connectivity Ltd 927770-3 Datasheet HTML 215Page - TE Connectivity Ltd 927770-3 Datasheet HTML 216Page - TE Connectivity Ltd 927770-3 Datasheet HTML 217Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 260 page
background image
Lead Makers
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-191
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
TopWin is a trademark of Komax AG
The Zeta 655/656 Lead
Maker is the flexible solution
for single and double-sided
housing insertion. This
machine is characterized by
a high degree of automation
and a reliable insertion
process. The precise force
sensor monitors the entire
insertion process to guarantee
seamless, integrated process
monitoring as regards
Zeta 655 / 656
Lead Maker Double
End Block Loader
collisions, loading force and
contact locking. The innovative
quick change pallet system
can replace the harness
specific insertion application
and convert to another
harness. The Zeta 655/
Zeta 656 operates via the
slide console of the Zeta 633
using TopWin™ software.
The software automatically
calculates the order of loading
within a wire harness to make
the set-up of new harnesses
as simple as possible.
The fully-automatic Zeta 656
manufactures harnesses
featuring conductor cross
sections of 0.13 mm2 and
miniaturized housings with a
pitch of 1.25 mm, doing so
reliably and at high speeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com