Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 214 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 214 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 210Page - TE Connectivity Ltd 927770-3 Datasheet HTML 211Page - TE Connectivity Ltd 927770-3 Datasheet HTML 212Page - TE Connectivity Ltd 927770-3 Datasheet HTML 213Page - TE Connectivity Ltd 927770-3 Datasheet HTML 214Page - TE Connectivity Ltd 927770-3 Datasheet HTML 215Page - TE Connectivity Ltd 927770-3 Datasheet HTML 216Page - TE Connectivity Ltd 927770-3 Datasheet HTML 217Page - TE Connectivity Ltd 927770-3 Datasheet HTML 218Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 260 page
background image
Applicators
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-192
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
Atlantic-Style SF Mechanical
Atlantic-Style SF Servo
Pacific-Style Side-Feed
Mechanical Applicator
We standardized our applicator
offerings to provide global
design consistency and to
offer you the ultimate flexibility
with choices in feeding
options.
Ocean Series
of Applicators
The Ocean Applicators are
designed so that all feed
options are interchangeable
with the common base appli-
cator. Our pneumatic and
mechanical feed options have
been completely re-designed.
They offer finer and more
precise terminal positioning
along with quicker adjustability
while being much more user
friendly. The interchangeability
also makes it possible to up-
grade to System
III technology.
■ One applicator platform — modular family design
● Two styles with three feed options:
Mechanical, Pneumatic and Servo
■ Same wire crimper, insulation crimper and anvil
used on both applicator styles
■ Open architecture allows for design flexibility
■ Featuring a re-designed ram to housing interface
for improved alignment and crimp consistency
■ Finer incremental crimp height adjustment
■ Improved and simpler adjustments on all feed units
■ Simple and tool-less wire and insulation crimp
height adjustments
● Fine Wire crimp height adjustment
Range = 0 –1.5 mm
Total Increments = 0.01 mm
● Insulation Adjustment
● Insulation step sizes are selected based on
terminal application requirements
■ Feed Types – Improved and simpler adjustments
on all feed units
● Mechanical – Micro-Feed Adjustments
for forward and back strokes
● Pneumatic – Incremental Adjustments
■ 0.04 mm forward terminal position
■ 0.08 mm back stroke adjustment
● Servo – Push button terminal adjustments
in 0.03 mm increments
Range (mm)
Step Size (mm)
3.30
0.19
1.70
0.10
0.85
0.05
Why a new Applicator Design?
Advantages of the Ocean Applicators
Atlantic-Style SF Pneumatic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com