Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7148 Datasheet HTML 31Page - Analog Devices AD7148 Datasheet HTML 32Page - Analog Devices AD7148 Datasheet HTML 33Page - Analog Devices AD7148 Datasheet HTML 34Page - Analog Devices AD7148 Datasheet HTML 35Page - Analog Devices AD7148 Datasheet HTML 36Page - Analog Devices AD7148 Datasheet HTML 37Page - Analog Devices AD7148 Datasheet HTML 38Page - Analog Devices AD7148 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
AD7148
Rev. 0 | Page 35 of 56
DETAILED REGISTER DESCRIPTIONS
BANK 1 REGISTERS
All addresses and default values are expressed in hexadecimal format.
Table 17. PWR_CONTROL Register
Address
Data Bit
Default
Value
Type
Mnemonic
Description
0x000
[1:0]
0
R/W
POWER_MODE
Operating modes
00 = full power mode (normal operation, CDC
conversions approximately every 36 ms)
01 = full shutdown mode (no CDC conversions)
10 = low power mode (automatic wake up operation)
11 = full shutdown mode (no CDC conversions)
[3:2]
0
R/W
LP_CONV_DELAY
Low power mode conversion delay
00 = 200 ms
01 = 400 ms
10 = 600 ms
11 = 800 ms
[7:4]
0
R/W
SEQUENCE_STAGE_NUM
Number of stages in sequence (N + 1)
0000 = 1 conversion stage in sequence
0001 = 2 conversion stages in sequence
…
Maximum value = 1011 = 12 conversion stages per
sequence
[9:8]
0
R/W
DECIMATION
ADC decimation factor
00 = decimate by 256
01 = decimate by 128
10 = decimate by 64
11 = decimate by 64
[10]
0
R/W
SW_RESET
Software reset control (self-clearing)
1 = resets all registers to default values
[11]
0
R/W
INT_POL
Interrupt polarity control
0 = active low
1 = active high
[12]
0
R/W
Excitation source control
0 = enable excitation source to CINx pins
1 = disable excitation source to CINx pins
[13]
0
Unused
Set to 0
[15:14]
0
R/W
CDC_BIAS
CDC bias current control
00 = normal operation
01 = normal operation + 20%
10 = normal operation + 35%
11 = normal operation + 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com