Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 5 Page - Analog Devices

  AD7148 Datasheet HTML 1Page - Analog Devices AD7148 Datasheet HTML 2Page - Analog Devices AD7148 Datasheet HTML 3Page - Analog Devices AD7148 Datasheet HTML 4Page - Analog Devices AD7148 Datasheet HTML 5Page - Analog Devices AD7148 Datasheet HTML 6Page - Analog Devices AD7148 Datasheet HTML 7Page - Analog Devices AD7148 Datasheet HTML 8Page - Analog Devices AD7148 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
AD7148
Rev. 0 | Page 5 of 56
I2C TIMING SPECIFICATIONS (AD7148-1)
TA = −40°C to +85°C, VDRIVE = 1.65 V to 3.6 V, VCC = 2.6 V to 3.6 V, unless otherwise noted. Sample tested at 25°C to ensure compliance.
All input signals timed from a voltage level of 1.6 V.
Table 4.
Parameter1
Limit
Unit
Description
fSCLK
400
kHz max
t1
0.6
μs min
Start condition hold time, tHD; STA
t2
1.3
μs min
Clock low period, tLOW
t3
0.6
μs min
Clock high period, tHIGH
t4
100
ns min
Data setup time, tSU; DAT
t5
300
ns min
Data hold time, tHD; DAT
t6
0.6
μs min
Stop condition setup time, tSU; STO
t7
0.6
μs min
Start condition setup time, tSU; STA
t8
1.3
μs min
Bus free time between stop and start conditions, tBUF
tR
300
ns max
Clock/data rise time
tF
300
ns max
Clock/data fall time
1 Guaranteed by design, not production tested.
I2C Timing Diagram
SCLK
SDA
tR
tF
t2
t5
t1
t3
t4
STOP START
STOP
START
t7
t6
t1
t8
Figure 2. I2C Detailed Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com