Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7148 Datasheet HTML 28Page - Analog Devices AD7148 Datasheet HTML 29Page - Analog Devices AD7148 Datasheet HTML 30Page - Analog Devices AD7148 Datasheet HTML 31Page - Analog Devices AD7148 Datasheet HTML 32Page - Analog Devices AD7148 Datasheet HTML 33Page - Analog Devices AD7148 Datasheet HTML 34Page - Analog Devices AD7148 Datasheet HTML 35Page - Analog Devices AD7148 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
AD7148
Rev. 0 | Page 32 of 56
POWER-UP SEQUENCE
When the AD7148 is powered up, the following sequence is
recommended when initially developing the AD7148 and host
microprocessor serial interface:
1.
Turn on the power supplies to the AD7148.
2.
Write to the Bank 2 registers at Address 0x080 through
Address 0x0BF. These registers are contiguous, so a
sequential register write sequence can be applied.
Note that the Bank 2 register values are unique for each
application. Register values come from characterization
of the sensor in the application and may be provided by
Analog Devices after the sensor board has been developed.
3.
Write to the Bank 1 registers at Address 0x000 through
Address 0x007, as outlined in the following list.
Caution
At this time, Address 0x001 must remain set to Default
Value 0x0000 during this contiguous write operation.
Register values:
Address 0x000 = 0x0B2
Address 0x001 = 0x000
Address 0x002 = 0x3230 (depends on number of
conversion stages used)
Address 0x003 = 0x0419
Address 0x004 = 0x0832
Address 0x005 = interrupt enable register; depends
on required interrupt behavior
Address 0x006 = interrupt enable register; depends
on required interrupt behavior
Address 0x007 = interrupt enable register; depends
on required interrupt behavior
4.
Write to the Bank 1 register, Address 0x001 = 0x00FF;
depends on number of conversion stages used.
5.
Read back the corresponding interrupt status register
at Address 0x008, Address 0x009, or Address 0x00A.
The address to be read back is determined by the
interrupt output configuration, as explained in the
Interrupt Output section.
6.
Note that the specific registers required to be read back
depend on each application. For buttons, the interrupt
status registers are read back, while other sensors read
data back according to the requirements of the slider or
wheel algorithm. Analog Devices provides this informa-
tion after the sensor board has been developed.
7.
Repeat Step 5 every time INT is asserted.
FIRST CONVERSION SEQUENCE
CONVERSION
STAGE
AD7148
INTERRUPT
POWER
SUPPLY
HOST
SERIAL
INTERFACE
0
CONVERSION STAGES DISABLED
12
34
5
6
78
9
10 11
0
12
910 110
1
2
910 110
1
SECOND CONVERSION
SEQUENCE
THIRD CONVERSION
SEQUENCE
1
23
4
56
6
Figure 44. Recommended Start-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com