Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 1 Page - Analog Devices

  AD7148 Datasheet HTML 1Page - Analog Devices AD7148 Datasheet HTML 2Page - Analog Devices AD7148 Datasheet HTML 3Page - Analog Devices AD7148 Datasheet HTML 4Page - Analog Devices AD7148 Datasheet HTML 5Page - Analog Devices AD7148 Datasheet HTML 6Page - Analog Devices AD7148 Datasheet HTML 7Page - Analog Devices AD7148 Datasheet HTML 8Page - Analog Devices AD7148 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Programmable Touch Controller for
Single Electrode Capacitance Sensors
AD7148
Rev.
0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©
2007 Analog Devices, Inc. All rights reserved.
FEATURES
Programmable capacitance-to-digital converter (CDC)
Femtofarad (fF) resolution
8 capacitance sensor inputs
25 ms update rate, all 8 sensor inputs
No external RC components required
Automatic conversion sequencer
On-chip automatic calibration logic
Automatic compensation for environmental changes
Automatic adaptive threshold and sensitivity levels
Register map compatible with AD7143
On-chip RAM to store calibration data
I2C-compatible serial interface
Separate VDRIVE level for serial interface
Interrupt output
16-lead, 4 mm × 4 mm LFCSP
2.6 V to 3.3 V supply voltage
Low operating current
Full power mode: 1 mA
Low power mode: 21.5 μA
APPLICATIONS
Cell phones
Personal music and multimedia players
Smart handheld devices
Television, A/V, and remote controls
Gaming consoles
Digital still cameras
GENERAL DESCRIPTION
The AD7148 is designed for use with capacitance sensors imple-
menting functions such as buttons, scroll bars, and wheels.
The sensors need only one PCB layer, enabling ultrathin
applications.
The AD7148 is an integrated capacitance-to-digital converter
(CDC) with on-chip environmental calibration. The CDC has
eight inputs channeled through a switch matrix to a 16-bit,
250 kHz sigma-delta (∑-Δ) converter. The CDC is capable of
sensing changes in the capacitance of the external sensors and
uses this information to register a sensor activation. The external
sensors can be arranged as a series of buttons, as a scroll bar or
wheel, or as a combination of sensor types. By programming the
registers, the user has full control over the CDC setup.
High resolution sensors require minimal software to run on the
host processor.
FUNCTIONAL BLOCK DIAGRAM
GND
VCC
VDRIVE
SDA
SCLK
SERIAL INTERFACE
AND CONTROL LOGIC
INTERRUPT
AND GPIO
LOGIC
POWER-ON
RESET
LOGIC
CALIBRATION
RAM
CONTROL
AND
DATA
REGISTERS
CALIBRATION
ENGINE
BIAS
6
7
8
ACSHIELD
5
CIN0 13
CIN1 14
CIN2 15
CIN3 16
CIN4
1
CIN5
2
CIN6
3
CIN7
4
9
10
11
12
INT
AD7148
16-BIT
Σ-Δ
CDC
EXCITATION
SOURCE
Figure 1.
The AD7148 is designed for single electrode capacitance sensors
(grounded sensors). There is an active shield output to minimize
noise pickup in the sensor. For floating, or two, electrode sensors,
use the AD7143.
The AD7148 has on-chip calibration logic to compensate for
changes in the ambient environment. The calibration sequence is
performed automatically and at continuous intervals as long as
the sensors are not touched. This ensures that there are no false
or nonregistering touches on the external sensors due to a
changing environment.
The AD7148 has an I2C®-compatible serial interface, as well as
an interrupt output. There is a VDRIVE pin to set the voltage level
for the serial interface independent of VCC.
The AD7148 is available in a 16-lead, 4 mm × 4 mm LFCSP and
operates from a 2.6 V to 3.6 V supply. The operating current
consumption in low power mode is typically 26 μA.


Similar Part No. - AD7148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142 Datasheet
1Mb / 68P
Programmable Capacitance-to-Digital Converter with Environmental Compensation
6/06-Revision 0
AD7142 AD-AD7142 Datasheet
844Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142 Datasheet
1Mb / 70P
Programmable Controller for Capacitance Touch Sensors
Rev. B
AD7142ACPZ-1500RL7 AD-AD7142ACPZ-1500RL7 Datasheet
1Mb / 70P
Programmable Controller for Capacitance Touch Sensors
Rev. B
AD7142ACPZ-1500RL71 AD-AD7142ACPZ-1500RL71 Datasheet
844Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
More results

Similar Description - AD7148

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7147 AD-AD7147 Datasheet
1Mb / 68P
CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
09/07-Revision 0
AD7142ACPZ-500RL7 AD-AD7142ACPZ-500RL7 Datasheet
844Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
Programmable Controller for Capacitance Touch Sensors
Rev. B
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
Programmable Controller for Capacitance Touch Sensors
Rev. 0
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com