Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7148 Datasheet HTML 13Page - Analog Devices AD7148 Datasheet HTML 14Page - Analog Devices AD7148 Datasheet HTML 15Page - Analog Devices AD7148 Datasheet HTML 16Page - Analog Devices AD7148 Datasheet HTML 17Page - Analog Devices AD7148 Datasheet HTML 18Page - Analog Devices AD7148 Datasheet HTML 19Page - Analog Devices AD7148 Datasheet HTML 20Page - Analog Devices AD7148 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
AD7148
Rev. 0 | Page 17 of 56
NONCONTACT PROXIMITY DETECTION
The AD7148 internal signal processing continuously monitors
all capacitance sensors for noncontact proximity detection. This
feature provides the ability to detect when a user is approaching
a sensor, at which time all internal calibration is immediately
disabled while the AD7148 is automatically configured to detect
a valid contact.
The proximity control register bits are described in Table 12. The
FP_PROXIMITY_CNT and LP_PROXIMITY_CNT register bits
(Address 0x002[11:4]) control the length of the calibration disable
period after the user leaves the sensor and proximity is no longer
active in full and low power modes.
The calibration is disabled during this time and is enabled
again at the end of this period, provided that the user is no longer
approaching, or in contact with, the sensor. Figure 26 and Figure
27
show examples of how these registers are used to set the full
and
low power mode calibration disable periods.
The calibration disable period in full power mode is equal to
FP_PROXIMITY_CNT × 16 × time taken for one conversion
sequence in full power mode.
The calibration disable period in low power mode is equal to
LP_PROXIMITY_CNT × 4 × time taken for one conversion
sequence in low power mode.
Table 12. Proximity Control Registers (See Figure 30)
Bits
Length
Register Address
Description
FP_PROXIMITY_CNT
4 bits
0x002[7:4]
Calibration disable time in full power mode.
LP_PROXIMITY_CNT
4 bits
0x002[11:8]
Calibration disable time in low power mode.
FP_PROXIMITY_RECAL
10 bits
0x004[9:0]
Full power mode proximity recalibration time.
LP_PROXIMITY_RECAL
6 bits
0x004[15:10]
Low power mode proximity recalibration time.
PROXIMITY_RECAL_LVL
8 bits
0x003[7:0]
Proximity recalibration level. This value, multiplied by 16, controls the
sensitivity of Comparator 2 in Figure 30.
PROXIMITY_DETECTION_RATE
6 bits
0x003[13:8]
Proximity detection rate. This value, multiplied by 16, controls the
sensitivity of Comparator 1 in Figure 30.
PROXIMITY DETECTION
(INTERNAL)
CALIBRATION
(INTERNAL)
12 3 4 5
6 78 9 10 11 12 13 14 15 16
CDC CONVERSION SEQUENCE
(INTERNAL)
CALIBRATION ENABLED
CALIBRATION DISABLED
tCONV_FP
USER LEAVES SENSOR
AREA HERE
USER APPROACHES
SENSOR HERE
tCALDIS
Figure 26. Full Power Mode Proximity Detection Example with FP_PROXIMITY_CNT = 1
NOTES
1. SEQUENCE CONVERSION TIME
tCONV_LP = tCONV_FP + LP_CONV_DELAY
2. PROXIMITY IS SET WHEN USER APPROACHES THE SENSOR AT WHICH TIME THE INTERNAL CALIBRATION IS DISABLED.
3.
tCALDIS = (tCONV_LP × LP_PROXIMITY_CNT × 4)
CALIBRATION ENABLED
CALIBRATION DISABLED
PROXIMITY DETECTION
(INTERNAL)
CALIBRATION
(INTERNAL)
tCALDIS
tCONV_LP
12 34 5 6 7 8 9 10 11 1213 14 15 16
CDC CONVERSION SEQUENCE
(INTERNAL)
USER LEAVES
SENSOR AREA HERE
USER APPROACHES
SENSOR HERE
1718 19 20 21 2223 24
Figure 27. Low Power Mode Proximity Detection with LP_PROXIMITY_CNT = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com