Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7148 Datasheet HTML 24Page - Analog Devices AD7148 Datasheet HTML 25Page - Analog Devices AD7148 Datasheet HTML 26Page - Analog Devices AD7148 Datasheet HTML 27Page - Analog Devices AD7148 Datasheet HTML 28Page - Analog Devices AD7148 Datasheet HTML 29Page - Analog Devices AD7148 Datasheet HTML 30Page - Analog Devices AD7148 Datasheet HTML 31Page - Analog Devices AD7148 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
AD7148
Rev. 0 | Page 28 of 56
I2C-COMPATIBLE SERIAL INTERFACE
The AD7148 supports the industry standard 2-wire I2C serial inter-
face protocol. The two wires associated with the I2C timing are the
SCLK and the SDA inputs. The SDA is an I/O pin that allows both
register write and register readback operations. The AD7148 is
always a slave device on the I2C serial interface bus.
It has a single fixed 7-bit device address, Address 0101 110. The
AD7148 responds when the master device sends its device address
over the bus. The AD7148 cannot initiate data transfers on the bus.
Table 15. AD7148 I2C Device Address
DEV
A6
DEV
A5
DEV
A4
DEV
A3
DEV
A2
DEV
A1
DEV
A0
0
1
1
0
1
1
0
Data Transfer
Data is transferred over the I2C serial interface in 8-bit bytes.
The master initiates a data transfer by establishing a start condition,
defined as a high-to-low transition on the serial data line, SDA,
while the serial clock line, SCLK, remains high. This indicates
that an address/data stream follows.
All slave peripherals connected to the serial bus respond to the
start condition and shift in the next eight bits, consisting of a
7-bit address (MSB first) plus an R/W bit that determines the
direction of the data transfer. The peripheral whose address
corresponds to the transmitted address responds by pulling the
data line low during the ninth clock pulse. This is known as the
acknowledge bit. All other devices on the bus now remain idle
while the selected device waits for data to be read from, or written
to it. If the R/W bit is a 0, the master writes to the slave device.
If the R/W bit is a 1, the master reads from the slave device.
Data is sent over the serial bus in a sequence of nine clock pulses:
eight bits of data followed by an acknowledge bit from the slave
device. Transitions on the data line must occur during the low
period of the clock signal and remain stable during the high
period because a low-to-high transition when the clock is high
can be interpreted as a stop signal. The number of data bytes
transmitted over the serial bus in a single read or write operation
is limited only by what the master and slave devices can handle.
When all data bytes are read or written, a stop condition is estab-
lished. A stop condition is defined by a low-to-high transition
on SDA, while SCLK remains high. If the AD7148 encounters
a stop condition, it returns to its idle condition, and the address
pointer register resets to Address 0x00.
Writing Data over the I2C Bus
The process for writing to the AD7148 over the I2C bus is shown in
Figure 38 and Figure 40. The device address is sent over the bus
followed by the R/W bit set to 0. This is followed by two bytes of
data that contain the 10-bit address of the internal data register
to be written. The following bit map shows the upper register
address bytes. Note that Bit 7 to Bit 2 in the upper address byte
are don’t care bits. The address is contained in the 10 LSBs of
the register address bytes.
MSB
LSB
7
6
5
4
3
2
1
0
X
X
X
X
X
X
Register
Address
Bit 9
Register
Address
Bit 8
The following bit map shows the lower register address bytes.
MSB
LSB
7
6
5
4
3
2
1
0
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Reg
Add
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
The third data byte contains the eight MSBs of the data to be
written to the internal register. The fourth data byte contains
the eight LSBs of data to be written to the internal register.
The AD7148 address pointer register automatically increments
after each write, allowing the master to sequentially write to all
registers on the AD7148-1 in the same write transaction. However,
the address pointer register does not wrap around after the last
address.
Any data written to the AD7148 after the address pointer has
reached its maximum value is discarded.
All registers on the AD7148 have 16 bits. Two consecutive 8-bit
data bytes are combined and written to the 16-bit registers. To
avoid errors, all writes to the device must contain an even number
of data bytes.
To finish the transaction, the master generates a stop condition
on SDO or generates a repeat start condition if the master is to
maintain control of the bus.
Reading Data over the I2C Bus
To read from the AD7148, the address pointer register must first
be set to the address of the required internal register. The master
performs a write transaction and writes to the AD7148 to set the
address pointer. The master then outputs a repeat start condition
to keep control of the bus or, if this is not possible, ends the write
transaction with a stop condition. A read transaction is initiated,
with the R/W bit set to 1.
The AD7148 supplies the upper eight bits of data from the
addressed register in the first readback byte, followed by the
lower eight bits in the next byte. This operation is shown in
Figure 39 and Figure 40.
Because the address pointer automatically increases after each
read, the AD7148 continues to output readback data until the
master puts a no acknowledge and a stop condition on the bus.
If the address pointer reaches its maximum value, and the master
continues to read from the part, the AD7148 repeatedly sends
data from the last register addressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com