Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7148 Datasheet HTML 19Page - Analog Devices AD7148 Datasheet HTML 20Page - Analog Devices AD7148 Datasheet HTML 21Page - Analog Devices AD7148 Datasheet HTML 22Page - Analog Devices AD7148 Datasheet HTML 23Page - Analog Devices AD7148 Datasheet HTML 24Page - Analog Devices AD7148 Datasheet HTML 25Page - Analog Devices AD7148 Datasheet HTML 26Page - Analog Devices AD7148 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
AD7148
Rev. 0 | Page 23 of 56
t
SENSOR 1 INT
ASSERTED
1
2
3
4
5
6
STAGEx_HIGH_THRESHOLD
(POSTCALIBRATED
REGISTER VALUE)
CHANGING ENVIRONMENTAL CONDITIONS
NOTES
1. INITIAL STAGEx_OFFSET_HIGH REGISTER VALUE.
2. POSTCALIBRATED REGISTER STAGEx_HIGH_THRESHOLD.
3. POSTCALIBRATED REGISTER STAGEx_HIGH_THRESHOLD.
4. INITIAL STAGEx_LOW_THRESHOLD.
5. POSTCALIBRATED REGISTER STAGEx_LOW_THRESHOLD.
6. POSTCALIBRATED REGISTER STAGEx_LOW_THRESHOLD.
CDC AMBIENT
VALUE DRIFTING
STAGEx_LOW_THRESHOLD
(POSTCALIBRATED
REGISTER VALUE)
SENSOR 2 INT
ASSERTED
Figure 33. Typical Sensor Behavior with Calibration Applied on the Data Path
SLOW FIFO
As shown in Figure 30, there are a number of FIFOs implemented
on the AD7148. These FIFOs are located in Bank 3 of the on-chip
memory. The slow FIFOs are used by on-chip logic to monitor
the ambient capacitance level from each sensor.
AVG_FP_SKIP and AVG_LP_SKIP
In Register 0x001, Bits[13:12]are the slow FIFO skip control
for full power mode, AVG_FP_SKIP. Bits[15:14] in the same
register are the slow FIFO skip control for low power mode,
AVG_LP_SKIP. These values determine which CDC samples
are not used (skipped) in the slow FIFO. Changing theses values
slows down or speeds up the rate at which the ambient capacitance
value tracks the measured capacitance value read by the converter.
Slow FIFO update rate in full power mode is equal to
AVG_FP_SKIP × [(3 × Decimation Rate) ×
(SEQUENCE_STAGE_NUM +1) ×
(FF_SKIP_CNT +1) × 4x10−7]
Slow FIFO update rate in low power mode is equal to
(AVG_LP_SKIP +1) × [(3 × Decimation Rate) ×
(SEQUENCE_STAGE_NUM +1) × (FF_SKIP_CNT +1) ×
4x10−7]/[(FF_SKIP_CNT +1 ) + LP_CONV_DELAY]
The slow FIFO is used by the on-chip logic to track the ambient
capacitance value. The slow FIFO expects to receive samples from
the converter at a rate of 25 ms. AVG_FP_SKIP and AVG_LP_
SKIP are used to normalize the frequency of the samples going into
the FIFO, regardless of how many conversion stages are in a
sequence.
Determining the AVG_FP_SKIP and AVG_LP_SKIP values is
required only once during the initial setup of the capacitance
sensor interface. When using all eight conversion stages,
recommended values for these settings are
AVG_FP_SKIP = 00 = skip 3 samples
AVG_LP_SKIP = 00 = skip 0 samples
SLOW_FILTER_UPDATE_LVL
The SLOW_FILTER_UPDATE_LVL (Address 0x003[15:14])
controls whether the most recent CDC measurement goes into
the slow FIFO (slow filter) or not. The slow filter is updated
when the difference between the current CDC value and last
value pushed into the slow FIFO is greater than SLOW_FILTER_
UPDATE_LVL.
Equations for On-Chip Logic Stage High and Logic Stage Low Threshold Calculation
STAGEx_HIGH_THRESHOLD = STAGE_SF_AMBIENT +
⎟
⎠
⎞
⎜
⎝
⎛
4
_
_
HIGH
OFFSET
STAGEx
+
⎟⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎝
⎛
−
16
4
_
_
_
_
HIGH
OFFSET
STAGEx
HIGH
OFFSET
STAGEx
× POS_THRESHOLD_SENSITIVITY
(1)
STAGEx_LOW_THRESHOLD = STAGE_SF_AMBIENT +
⎟
⎠
⎞
⎜
⎝
⎛
4
_
_
LOW
OFFSET
STAGEx
+
⎟⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎝
⎛
−
16
4
_
_
_
_
LOW
OFFSET
STAGEx
LOW
OFFSET
STAGEx
× POS_THRESHOLD_SENSITIVITY
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com