Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7148 Datasheet HTML 14Page - Analog Devices AD7148 Datasheet HTML 15Page - Analog Devices AD7148 Datasheet HTML 16Page - Analog Devices AD7148 Datasheet HTML 17Page - Analog Devices AD7148 Datasheet HTML 18Page - Analog Devices AD7148 Datasheet HTML 19Page - Analog Devices AD7148 Datasheet HTML 20Page - Analog Devices AD7148 Datasheet HTML 21Page - Analog Devices AD7148 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
AD7148
Rev. 0 | Page 18 of 56
RECALIBRATION
In certain situations, the proximity flag can be set for a long period: for
example, when a user hovers over a sensor for a long time. The
environmental calibration on the AD7148 is suspended while
proximity is detected, but changes may occur to the ambient
capacitance level during the proximity event. This means that the
ambient value stored on the AD7148 no longer represents the actual
ambient value. In this case, even when the user has left the sensor, the
proximity flag may still be set. This situation could occur if user
interaction creates some moisture on the sensor, causing the new
sensor ambient value to be different from the expected value. In this
situation, the AD7148 automatically forces an internal recalibration,
ensuring that the ambient values are recalibrated, regardless of how
long the user hovers over a sensor. The recalibration ensures
maximum sensor performance.
The AD7148 recalibrates automatically when the measured CDC
value exceeds the stored ambient value by an amount determined by
the PROXIMITY_RECAL_LVL bits (Address 0x003[7:0]) for
a set period of time, known as the recalibration timeout.
In full power mode, the recalibration timeout is controlled by
FP_PROXIMITY_RECAL; in low power mode, the timeout is
controlled by LP_PROXIMTY_RECAL.
The recalibration timeout in full power mode is the value of the
FP_PROXIMITY_RECAL multiplied by the time taken for one
conversion sequence in full power mode.
The recalibration timeout in low power mode is the value of the
LP_PROXIMITY_RECAL multiplied by the time taken for one
conversion sequence in low power mode.
Figure 28 and Figure 29 show examples of how the FP_
PROXIMITY_RECAL and LP_PROXIMITY_RECAL register
bits (Address 0x004[15:0]) control the timeout period before a
recalibration while operating in the full power and low power modes.
These figures show a user approaching a sensor, followed by the user
leaving the sensor while the proximity detection remains active
after the user leaves the sensor. The measured CDC value exceeds
the stored ambient value by the amount set in the PROXIMITY_
RECAL_LVL bits for the entire timeout period. The sensor is
automatically recalibrated at the end of the timeout period.
CALIBRATION ENABLED
tRECAL_TIMEOUT
16
30
70
tCONV_FP
MEASURED CDC VALUE > STORED AMBIENT
BY PROXIMITY_RECAL _LVL
RECALIBRATION TIME-OUT
PROXIMITY DETECTION
(INTERNAL)
CALIBRATION
(INTERNAL)
CDC CONVERSION SEQUENCE
(INTERNAL)
RECALIBRATION COUNTER
(INTERNAL)
NOTES
1. SEQUENCE CONVERSION TIME
tCONV_FP DETERMINED FROM TABLE 9.
2.
tCALDIS = tCONV_FP × FP_PROXIMITY_CNT × 16.
3.
tRECAL_TIMEOUT = tCONV_FP × FP_PROXIMITY_RECAL.
4.
tRECAL = 2 × tCONV_FP.
USER APPROACHES
SENSOR HERE
USER LEAVES SENSOR
AREA HERE
tCALDIS
tRECAL
CALIBRATION DISABLED
Figure 28. Full Power Mode Proximity Detection with Forced Recalibration Example with FP_PROXIMITY_CNT = 1 and FP_PROXIMITY_RECAL = 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com