Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7148 Datasheet HTML 29Page - Analog Devices AD7148 Datasheet HTML 30Page - Analog Devices AD7148 Datasheet HTML 31Page - Analog Devices AD7148 Datasheet HTML 32Page - Analog Devices AD7148 Datasheet HTML 33Page - Analog Devices AD7148 Datasheet HTML 34Page - Analog Devices AD7148 Datasheet HTML 35Page - Analog Devices AD7148 Datasheet HTML 36Page - Analog Devices AD7148 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
AD7148
Rev. 0 | Page 33 of 56
TYPICAL APPLICATION CIRCUIT
AD7148
1
CIN4
2
CIN5
3
CIN6
4
CIN7
INT
12
SCLK
11
SDA
10
VDRIVE
INT
SCK
SDO
HOST WITH I2C
INTERFACE
2.2kΩ
2.2kΩ
2.2kΩ
BUTTON
BUTTON
BUTTON
VDRIVE
VDRIVE
VDRIVE
VCC 2.7V TO 3.6V
1μF TO 10μF
(OPTIONAL)
0.1μF
10nF
9
Figure 45. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com