Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 46 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD7148 Datasheet HTML 42Page - Analog Devices AD7148 Datasheet HTML 43Page - Analog Devices AD7148 Datasheet HTML 44Page - Analog Devices AD7148 Datasheet HTML 45Page - Analog Devices AD7148 Datasheet HTML 46Page - Analog Devices AD7148 Datasheet HTML 47Page - Analog Devices AD7148 Datasheet HTML 48Page - Analog Devices AD7148 Datasheet HTML 49Page - Analog Devices AD7148 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
AD7148
Rev. 0 | Page 46 of 56
Table 40. STAGEx Detailed CIN7 Connection Setup Description (x = 0 to 7)
Data
Bit
Default
Value
Type
Mnemonic
Description
[1:0]
X
R/W
CIN7_CONNECTION_SETUP
CIN7 connection setup
00 = CIN7 not connected to CDC inputs
01 = CIN7 connected to CDC negative input
10 = CIN7 connected to CDC positive input
11 = CIN7 connected to BIAS (connect unused CINx inputs)
[12:2]
X
Unused
Set unused register bits to 0
[13:12]
X
R/W
SE_CONNECTION_SETUP
Single-ended measurement connection setup
00 = do not use
01 = use when one CIN is connected to CDC positive input,
single-ended measurements only
10 = use when one CIN is connected to CDC negative input,
single-ended measurements only
11 = differential connection to CDC
[14]
X
R/W
NEG_AFE_OFFSET_DISABLE
Negative AFE offset enable control
0 = enable
1 = disable
[15]
X
R/W
POS_AFE_OFFSET_DISABLE
Positive AFE offset enable control
0 = enable
1 = disable
Table 41. STAGEx Detailed Offset Control Description (x = 0 to 7)
Data
Bit
Default
Value
Type
Mnemonic
Description
[5:0]
X
R/W
NEG_AFE_OFFSET
Negative AFE offset setting (20 pF range)
1 LSB value = 0.32 pF of offset
[6]
X
Unused
Set to 0
[7]
X
R/W
NEG_AFE_OFFSET_SWAP
Negative AFE offset swap control
0 = NEG_AFE_OFFSET applied to CDC negative input
1 = NEG_AFE_OFFSET applied to CDC positive input
[13:8]
X
R/W
POS_AFE_OFFSET
Positive AFE offset setting (20 pF range)
1 LSB value = 0.32 pF of offset
[14]
X
Unused
Set to 0
[15]
X
R/W
POS_AFE_OFFSET_SWAP
Positive AFE offset swap control
0 = POS_AFE_OFFSET applied to CDC positive input
1 = POS_AFE_OFFSET applied to CDC negative input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com