Electronic Components Datasheet Search
  English  ▼

X  

AD7148 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7148
Description  Programmable Touch Controller for Single Electrode Capacitance Sensors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7148 Datasheet(HTML) 4 Page - Analog Devices

  AD7148 Datasheet HTML 1Page - Analog Devices AD7148 Datasheet HTML 2Page - Analog Devices AD7148 Datasheet HTML 3Page - Analog Devices AD7148 Datasheet HTML 4Page - Analog Devices AD7148 Datasheet HTML 5Page - Analog Devices AD7148 Datasheet HTML 6Page - Analog Devices AD7148 Datasheet HTML 7Page - Analog Devices AD7148 Datasheet HTML 8Page - Analog Devices AD7148 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD7148
Rev. 0 | Page 4 of 56
TYPICAL AVERAGE CURRENT IN LOW POWER MODE
VCC = 3.6 V, T = 25°C, load of 50 pF, unless otherwise noted.
Table 2.
Current Values of Conversion Stages (μA)
Low Power Mode Delay
Decimation Rate
1
2
3
4
5
6
7
8
200 ms
64
20.83
24.18
27.52
30.82
34.11
37.37
40.6
43.81
128
25.3
31.92
38.45
44.87
51.21
57.45
63.6
69.66
256
34.11
46.99
59.51
71.66
83.47
94.94
106.1
116.96
400 ms
64
18.17
19.86
21.55
23.23
24.9
26.57
28.23
29.88
128
20.43
23.79
27.12
30.43
33.72
36.98
40.22
43.43
256
24.9
31.53
38.06
44.5
50.83
57.08
63.23
69.3
600 ms
64
17.28
18.41
19.54
20.67
21.79
22.91
24.03
25.14
128
18.79
21.04
23.28
25.51
27.73
29.94
32.13
34.32
256
21.79
26.25
30.67
35.04
39.37
43.66
47.9
52.11
800 ms
64
16.84
17.69
18.53
19.38
20.23
21.07
21.91
22.75
128
17.97
19.66
21.35
23.03
24.7
26.37
28.03
29.69
256
20.23
23.59
26.93
30.24
33.53
36.79
40.03
43.24
MAXIMUM AVERAGE CURRENT IN LOW POWER MODE
VCC = 3.6 V, load of 50 pF, unless otherwise noted.
Table 3.
Current Values of Conversion Stages (μA)
Low Power Mode Delay
Decimation Rate
1
2
3
4
5
6
7
8
200 ms
64
27.71
31.65
35.56
39.44
43.28
47.1
50.89
54.64
128
32.96
40.72
48.37
55.89
63.3
70.59
77.77
84.84
256
43.28
58.37
72.99
87.17
100.92
114.26
127.22
139.8
400 ms
64
24.61
26.6
28.58
30.55
32.51
34.47
36.42
38.36
128
27.26
31.21
35.12
39
42.85
46.67
50.46
54.22
256
32.51
40.29
47.94
55.47
62.88
70.18
77.36
84.44
600 ms
64
23.58
24.91
26.23
27.55
28.87
30.18
31.5
32.8
128
25.35
27.99
30.62
33.24
35.84
38.43
41
43.56
256
28.87
34.11
39.29
44.41
49.48
54.5
59.46
64.38
800 ms
64
23.06
24.06
25.05
26.05
27.04
28.03
29.02
30
128
24.39
26.38
28.36
30.33
32.29
34.25
36.2
38.14
256
27.04
30.98
34.9
38.78
42.64
46.46
50.25
54.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com