Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCE937
Description  CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE937 Datasheet(HTML) 2 Page - Texas Instruments

  CDCE937 Datasheet HTML 1Page - Texas Instruments CDCE937 Datasheet HTML 2Page - Texas Instruments CDCE937 Datasheet HTML 3Page - Texas Instruments CDCE937 Datasheet HTML 4Page - Texas Instruments CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
CDCE937-Q1, CDCEL937-Q1
SCAS892C – FEBRUARY 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: CDCE937-Q1 CDCEL937-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 3
6
Device Comparison Table..................................... 3
7
Pin Configuration and Functions ......................... 4
8
Specifications......................................................... 5
8.1
Absolute Maximum Ratings ...................................... 5
8.2
ESD Ratings.............................................................. 5
8.3
Recommended Operating Conditions ....................... 5
8.4
Thermal Information .................................................. 6
8.5
Electrical Characteristics........................................... 6
8.6
Timing Requirements ................................................ 8
8.7
Typical Characteristics .............................................. 9
9
Parameter Measurement Information ................ 10
10
Detailed Description ........................................... 11
10.1
Overview ............................................................... 11
10.2
Functional Block Diagram ..................................... 12
10.3
Feature Description............................................... 12
10.4
Device Functional Modes...................................... 14
10.5
Programming......................................................... 15
10.6
Register Maps ....................................................... 17
11
Application and Implementation........................ 24
11.1
Application Information.......................................... 24
11.2
Typical Application ................................................ 24
12
Power Supply Recommendations ..................... 28
13
Layout................................................................... 29
13.1
Layout Guidelines ................................................. 29
13.2
Layout Example .................................................... 29
14
Device and Documentation Support ................. 30
14.1
Documentation Support ........................................ 30
14.2
Related Links ........................................................ 30
14.3
Receiving Notification of Documentation Updates 30
14.4
Community Resources.......................................... 30
14.5
Trademarks ........................................................... 30
14.6
Electrostatic Discharge Caution ............................ 30
14.7
Glossary ................................................................ 31
15
Mechanical, Packaging, and Orderable
Information ........................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2010) to Revision C
Page
•
Changed Applications............................................................................................................................................................. 1
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
•
Deleted Ordering Information table; see Package Option Addendum at the end of the data sheet ...................................... 1
Changes from Revision A (March 2010) to Revision B
Page
•
Changed the PACKAGE THERMAL RESISTANCE table ..................................................................................................... 6
•
Changed RID default in Generic Configuration Register table From: 0h To: Xb ................................................................. 18
•
Added note to PWDN description in Generic Configuration Register table ......................................................................... 18
•
Changed SLAVE_ADR default value in Generic Configuration Register table From: 00b To: 01b ..................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com