Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 28 Page - Texas Instruments

Part # CDCE937
Description  CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE937 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 24Page - Texas Instruments CDCE937 Datasheet HTML 25Page - Texas Instruments CDCE937 Datasheet HTML 26Page - Texas Instruments CDCE937 Datasheet HTML 27Page - Texas Instruments CDCE937 Datasheet HTML 28Page - Texas Instruments CDCE937 Datasheet HTML 29Page - Texas Instruments CDCE937 Datasheet HTML 30Page - Texas Instruments CDCE937 Datasheet HTML 31Page - Texas Instruments CDCE937 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
28
CDCE937-Q1, CDCEL937-Q1
SCAS892C – FEBRUARY 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: CDCE937-Q1 CDCEL937-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Application (continued)
11.2.3 Application Curves
Figure 19, Figure 20, Figure 21, and Figure 22 show CDCE937-Q1 measurements with the SSC feature enabled.
Device configuration: 27-MHz input, 27-MHz output.
Figure 19. fOUT = 27 MHz,
VCO frequency < 125 MHz, SSC (2% Center)
Figure 20. fOUT = 27 MHz,
VCO frequency > 175 MHz, SSC (1%, Center)
Figure 21. Output Spectrum With SSC Off
Figure 22. Output Spectrum With SSC On,
2% Center
12 Power Supply Recommendations
There is no restriction on the power-up sequence. In case VDDOUT is applied first, TI recommends grounding VDD.
In case VDDOUT is powered while VDD is floating, there is a risk of high current flowing on the VDDOUT pins.
The device has a power-up control that is connected to the 1.8-V supply. This keeps the whole device disabled
until the 1.8-V supply reaches a sufficient voltage level. Then the device switches on all internal components,
including the outputs. If a 3.3-V VDDOUT is available before the 1.8-V, the outputs stay disabled until the 1.8-V
supply has reached a certain level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com