Electronic Components Datasheet Search
  English  ▼

X  

CDCE937 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCE937
Description  CDCEx937-Q1 Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V LVCMOS Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE937 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 5Page - Texas Instruments CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments CDCE937 Datasheet HTML 10Page - Texas Instruments CDCE937 Datasheet HTML 11Page - Texas Instruments CDCE937 Datasheet HTML 12Page - Texas Instruments CDCE937 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
0
2
4
6
8
10
12
10
30
50
70
90 110 130 150 170 190 210 230
V
=1.8V,
V
=1.8V,
NoLoad
DD
DDOUT
f
-OutputFrequency-MHz
OUT
allOutputs
7Outputs
3Outputon
5Outputson
1Outputon
0
10
20
30
40
50
80
10
60
110
160
210
f
-Frequency-MHz
VCO
3PLL on
60
70
V
=1.8V
DD
1PLL on
allPLL off
2PLL on
V
=1.8V,
V
=3.3V,
NoLoad
DD
DDOUT
0
5
10
15
20
25
30
10
30
50 70
90 110 130 150 170 190 210 230
f
-OutputFrequency-MHz
OUT
AllOutputsoff
7Outputson
3Outputson
5Outputson
1Outputon
9
CDCE937-Q1, CDCEL937-Q1
www.ti.com
SCAS892C – FEBRUARY 2010 – REVISED DECEMBER 2016
Product Folder Links: CDCE937-Q1 CDCEL937-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8.7 Typical Characteristics
Figure 1. CDCEx937-Q1 Supply Current
vs PLL Frequency
Figure 2. CDCE937-Q1 Output Current
vs Output Frequency
Figure 3. CDCEL937-Q1 Output Current vs Output Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com